Electronic Components Datasheet Search
  English  ▼

X  

BAT86 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAT86
Description  SMALL SIGNAL SCHOTTKY DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAT86 Datasheet(HTML) 1 Page - Micro Commercial Components

  BAT86 Datasheet HTML 1Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BAT86
SMALL SIGNAL
SCHOTTKY
DIODES
Features
·
For general purpose applications
·
These diodes features very low turn-on voltage and fast switching.
www.mccsemi.com
MECHANICAL DATA
·
Case: Do-35 glass case
·
Polarity: Color band denotes cathode end
·
Weight: Approx. 0.13 gram
ABSOLUTE RATINGS(LIMITING VALUES)
ELECTRICAL CHARACTERISTICS

Dimensions in inches and (millimeters)









Symbols
Value
Units
Repetitive Peak Reverse Voltage
VR
50
V
Forward Continuous Current at T =25
0C
IF
2001)
mA
Repetitive Peak Forward Current at t<1s,ä< 0.5,TA=25
0C
IFRM
3001)
mA
Power Dissipation
at TA=65
0C
Ptot
2001)
mW
Junction temperature
TJ
125
0
C
Ambient Operating temperature Range
TA
-55~+125
0
C
Storage Temperature Range
TSTG
-55~+150
0
C
1) Valid provided that leads at a distance of 4mm from case are kept at ambient temperature
Reverse breakdown voltage Tested with 10 A pulses
µ
Leakage current V =25V
R
Forward voltage
Pulse Test
at
t
300 s,
2%
I=0.1mA,
at I =1mA,
at I =10mA,
at I =30mA,
at I =100mA
p
F
F
F
F
F
µδ
50
0.5
5
0.460
0.600
8
0.900
0.450
0.380
0.300
Thermal resistance junction to ambient Air
Junction Capacitance at V =1V ,f=1MHz
R
Reverse recovery time Form I =10mA,I =10mA,I =1mA
FR
R
V R)R
(B
V
V
V
V
V
V
µA
pF
K/W
ns
VF
0.200
VF
0.272
VF
VF
0.365
VF
0.700
IR
0.2
CJ
trr
1) Valid provided that leads at a distance of 4mm from case are kept at ambient temperature(DO-35)
300 
R JA
θ
These devices are protected by a PN junction guard ring against
excessive voltage,such as electrostatic discharges.
·
These diode is also available in the Mini-MELF case with type
designation LL86
·
Metal-on-silicon Schottky barrier device which is protected by a PN
junction guard ring. The low forward voltage drop and fast switching
make it ideal for protection of MOS devices,and low logic applications.
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - BAT86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT86 PHILIPS-BAT86 Datasheet
31Kb / 6P
Schottky barrier diode
1996 Mar 20
logo
General Semiconductor
BAT86 GE-BAT86 Datasheet
44Kb / 2P
Schottky Diodes
logo
Galaxy Semi-Conductor H...
BAT86 BILIN-BAT86 Datasheet
33Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
logo
GOOD-ARK Electronics
BAT86 GOOD-ARK-BAT86 Datasheet
56Kb / 1P
Small-Signal Diode
logo
SEMTECH ELECTRONICS LTD...
BAT86 SEMTECH_ELEC-BAT86 Datasheet
173Kb / 2P
SCHOTTKY BARRIER DIODE
More results

Similar Description - BAT86

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
Comchip Technology
CDBH3-00340-G COMCHIP-CDBH3-00340-G Datasheet
67Kb / 2P
Small Signal Schottky Diodes
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
Small Signal Schottky Diodes
logo
Shenzhen Luguang Electr...
1N5712 LUGUANG-1N5712 Datasheet
153Kb / 3P
Small Signal Schottky Diodes
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com