Electronic Components Datasheet Search
  English  ▼

X  

BC846B Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BC846B
Description  NPN Small Signal Transistor 310mW
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC846B Datasheet(HTML) 1 Page - Micro Commercial Components

  BC846B Datasheet HTML 1Page - Micro Commercial Components BC846B Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
l Ideally Suited for Automatic Insertion
l 150
oC Junction Temperature
l For Switching and AF Amplifier Applications
Mechanical Data
l Case: SOT-23, Molded Plastic
l Terminals: Solderable per MIL-STD-202, Method 208
l Polarity: See Diagram
l Weight: 0.008 grams ( approx.)
Type
Marking
Type
Marking
BC846A
1A
BC847C
1G
BC846B
1B
BC848A
1J
BC847A
1E
BC848B
1K
BC847B
1F
BC848C
1L
Marking Code (Note 2)
Maximum Ratings @ 25oC Unless Otherwise Specified
Charateristic
Symbol
Value
Unit
Collector-Base Voltage
BC846
BC847
BC848
VCBO
80
50
30
V
Collector-Emitter Voltage
BC846
BC847
BC848
VCEO
65
45
30
V
Emitter-Base Voltage BC846,BC847
BC848
V EBO
6.0
5.0
V
Collector Current
IC
100
mA
Peak Collector Current
ICM
200
mA
Peak Emitter Current
IEM
200
mA
Power Dissipation@Ts=50
oC(Note1)
P d
310
mW
Operating & Storage Temperature
Tj, TSTG -55~150
oC
Note:
1.
Package mounted on ceramic substrate
0.7mm X 2.5cm
2 area.
2.
Current gain subgroup “C” is not available
for BC846.
BC846A
THRU
BC848C
NPN Small
Signal Transistor
310mW
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
SOT-23
www.mccsemi.com
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - BC846B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC846B ONSEMI-BC846B Datasheet
160Kb / 6P
General Purpose Transistors(NPN Silicon)
June, 2004 ??Rev. 6
logo
NXP Semiconductors
BC846B PHILIPS-BC846B Datasheet
80Kb / 10P
NPN general purpose transistors
2004 Feb 06
logo
Transys Electronics
BC846B TRSYS-BC846B Datasheet
371Kb / 3P
NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
logo
Zowie Technology Corpor...
BC846B ZOWIE-BC846B Datasheet
61Kb / 3P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Siemens Semiconductor G...
BC846B SIEMENS-BC846B Datasheet
273Kb / 8P
NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results

Similar Description - BC846B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BC817-16 MCC-BC817-16 Datasheet
255Kb / 3P
NPN Small Signal Transistor 310mW
BC856A MCC-BC856A Datasheet
106Kb / 2P
PNP Small Signal Transistor 310mW
BC817-16 MCC-BC817-16_08 Datasheet
243Kb / 4P
NPN Small Signal Transistor 310mW
BC817-16 MCC-BC817-16_11 Datasheet
384Kb / 4P
NPN Small Signal Transistor 310mW
BC856A MCC-BC856A_11 Datasheet
201Kb / 3P
PNP Small Signal Transistor 310mW
logo
Taiwan Semiconductor Co...
DTC113 TSC-DTC113 Datasheet
201Kb / 2P
NPN Small Signal Transistor Small Signal Diode
DTC114 TSC-DTC114 Datasheet
434Kb / 3P
NPN Small Signal Transistor Small Signal Diode
DTC143 TSC-DTC143 Datasheet
178Kb / 2P
NPN Small Signal Transistor Small Signal Diode
DTC144 TSC-DTC144 Datasheet
201Kb / 2P
NPN Small Signal Transistor Small Signal Diode
logo
Micro Commercial Compon...
BC817-16 MCC-BC817-16_13 Datasheet
466Kb / 4P
NPN Small Signal Transistor 310mW
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com