Electronic Components Datasheet Search
  English  ▼

X  

BCW68H Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BCW68H
Description  PNP Small Signal Transistor 330mW
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BCW68H Datasheet(HTML) 1 Page - Micro Commercial Components

  BCW68H Datasheet HTML 1Page - Micro Commercial Components BCW68H Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
l Ideally Suited for Automatic Insertion
l 150
oC Junction Temperature
l Low Current, Low Frequency
l Epitaxial Planar Die Construction
Mechanical Data
l Case: SOT-23, Molded Plastic
l Terminals: Solderable per MIL-STD-202, Method 208
l Marking: DH
l Weight: 0.008 grams ( approx.)
Maximum Ratings @ 25oC Unless Otherwise Specified
Charateristic
Symbol
Value
Unit
Collector-Emitter Voltage
V
CEO
-45
V
Collector-Base Voltage
V
CBO
-60
V
Emitter-Base Voltage
V
EBO
-5
V
Collector Current(DC)
IC
-800
mA
Peak Collector Current
I
CM
-1000
mA
Base Current(DC)
I
B
-100
mA
Peak Base Current
I
BM
-200
mA
Power Dissipation@T
s=79
oC
P
d
330
mW
Thermal Resistance, Junction to
Ambient Air
285
(1)
oC/W
Thermal Resistance, Junction to
Soldering Point
215
oC/W
Operating & Storage Temperature
Tj, TSTG -55~150
oC
Notes:
(1) Valid provided that leads are kept at
ambient temperature.
BCW68H
PNP Small
Signal Transistor
330mW
R
θJA
R
θJS
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
K
A
B
C
D
E
F
G
H
J
SOT-23
www.mccsemi.com
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - BCW68H

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCW68H ZETEX-BCW68H Datasheet
39Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BCW68H SIEMENS-BCW68H Datasheet
134Kb / 6P
PNP Silicon AF Transistors (For general AF applications High current gain)
logo
Infineon Technologies A...
BCW68H INFINEON-BCW68H Datasheet
50Kb / 5P
PNP Silicon AF Transistors
Jul-10-2001
logo
Diotec Semiconductor
BCW68H DIOTEC-BCW68H Datasheet
182Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BCW68H DIOTEC-BCW68H Datasheet
100Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
More results

Similar Description - BCW68H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SOA56 STMICROELECTRONICS-SOA56 Datasheet
35Kb / 4P
SMALL SIGNAL PNP TRANSISTOR
Mar-1996
logo
General Semiconductor
MMBT2907A GE-MMBT2907A Datasheet
65Kb / 3P
Small Signal Transistor (PNP)
logo
Micro Commercial Compon...
BCW66H MCC-BCW66H Datasheet
90Kb / 2P
NPN Small Signal Transistor 330mW
BCW68G MCC-BCW68G Datasheet
89Kb / 2P
PNP Small Signal Transistor 330mW
BCW66H MCC-BCW66H_11 Datasheet
193Kb / 3P
NPN Small Signal Transistor 330mW
BCW68G MCC-BCW68G_11 Datasheet
192Kb / 3P
PNP Small Signal Transistor 330mW
BCW68H MCC-BCW68H_11 Datasheet
186Kb / 3P
PNP Small Signal Transistor 330mW
logo
Taiwan Semiconductor Co...
DTA123JM TSC-DTA123JM Datasheet
207Kb / 3P
PNP Small Signal Transistor
DTA143ZM TSC-DTA143ZM Datasheet
212Kb / 3P
PNP Small Signal Transistor
logo
Micro Commercial Compon...
BCW68G MCC-BCW68G_13 Datasheet
227Kb / 3P
PNP Small Signal Transistor 330mW
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com