Electronic Components Datasheet Search
  English  ▼

X  

UHS41 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UHS41
Description  HALL-EFFECT LATCHED SENSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UHS41 Datasheet(HTML) 1 Page - Unisonic Technologies

  UHS41 Datasheet HTML 1Page - Unisonic Technologies UHS41 Datasheet HTML 2Page - Unisonic Technologies UHS41 Datasheet HTML 3Page - Unisonic Technologies UHS41 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UHS41
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 4
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R118-021.a
HALL-EFFECT LATCHED
SENSOR
DESCRIPTION
The UTC UHS41 is an integrated Hall effect latched sensor
designed for electronic commutation of brush-less DC motor
applications. The device includes a voltage regulator, reverse
battery protection diode, Hall sensor with dynamic offset
cancellation system, temperature compensation circuitry, small
signal amplifier, Schmitt trigger and an open-collector output to sink
up to 25mA.
These Hall-effect switches are monolithic integrated circuits with
tighter magnetic specifications, and are more stable with both
temperature and supply voltage changes. If a magnetic flux density
larger than threshold Bop, Output is turned on (low). The output
state is held until a magnetic flux density reversal falls below Brp,
causing Output to be turned off (high).
Thanks to its wide operating voltage range and extended choice
of temperature range, it is quite suitable for use in DC motor
applications. It also can be used for Automotive, Consumer and
Industrial, Solid-state switch, Speed measurement, Revolution
counting, Angular position detection and Proximity detection.
FEATURES
* wide operating voltage range:4.5V~24V
* Wide ambient temperature range: –40°~150°C
* Bipolar technology
* Open-collector 25mA output
* Reverse battery protection
* Solid-state reliability
* Resistant to physical stress
* Activate with small, commercially available permanent magnets
SIP-3
1
ORDERING INFORMATION
Pin Assignment
Ordering Number
Package
1
2
3
Packing
UHS41G-G03-B
SIP-3
I
G
O
Tape Box
UHS41G-G03-K
SIP-3
I
G
O
Bulk
Note: Pin Assignment: I: VDD G: GND
O: VOUT
MARKING


Similar Part No. - UHS41

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UHS41 UTC-UHS41 Datasheet
112Kb / 4P
HALL-EFFECT LATCHED SENSOR
UHS41G-AE3-R UTC-UHS41G-AE3-R Datasheet
112Kb / 4P
HALL-EFFECT LATCHED SENSOR
UHS41G-G03-B UTC-UHS41G-G03-B Datasheet
112Kb / 4P
HALL-EFFECT LATCHED SENSOR
UHS41G-G03-K UTC-UHS41G-G03-K Datasheet
112Kb / 4P
HALL-EFFECT LATCHED SENSOR
UHS41L-AE3-R UTC-UHS41L-AE3-R Datasheet
112Kb / 4P
HALL-EFFECT LATCHED SENSOR
More results

Similar Description - UHS41

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A277 ETC-A277 Datasheet
165Kb / 6P
COMPLEMENTARY OUTPUT HALL EFFECT LATCHED SINK DRIVER
logo
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
Hall Effect Sensor IC
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
Hall Effect Sensor IC
logo
List of Unclassifed Man...
HAL525 ETC-HAL525 Datasheet
292Kb / 21P
Hall Effect Sensor IC
HAL506 ETC-HAL506 Datasheet
315Kb / 44P
Hall Effect Sensor Family
logo
Unisonic Technologies
SK8509 UTC-SK8509_12 Datasheet
247Kb / 6P
HALL-EFFECT SENSOR IC
logo
SEC Electronics Inc.
SS3503 SECELECTRONICS-SS3503 Datasheet
104Kb / 5P
Linear Hall Effect Sensor
SS4833 SECELECTRONICS-SS4833 Datasheet
226Kb / 4P
Linear Hall Effect Sensor
logo
PIC GmbH
HS-324R-03-0300 PIC-HS-324R-03-0300 Datasheet
143Kb / 3P
Flatpack Hall Effect Sensor
logo
Unisonic Technologies
UHS41 UTC-UHS41_18 Datasheet
112Kb / 4P
HALL-EFFECT LATCHED SENSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com