Electronic Components Datasheet Search
  English  ▼

X  

CONSMA008 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CONSMA008
Description  SMA FEMALE PCB MOUNT EXTENDED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CONSMA008 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CONSMA008 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.065
(1.65)
1/4-36UNS-2B
THREADS
H8
0.020
(0.50)
Ø0.402
(10.20)
NUT
WASHER
NOTES: (UNLESS OTHERWISE SPECIFIED)
1. ALL DIMENSIONS ARE IN INCHES [mm].
2. DIMENSIONS APPLY AFTER FINISHING.
3. MANUFACTURE TO BE COMPLIANT WITH EU RoHS DIRECTIVE.
4. SAFETY BREAK ALL SHARP CORNERS AND EDGES .02 MAXIMUM.
REVISIONS
REV
DESCRIPTION
DATE
APPV
SHEET 1 OF 1
LDCFDCC_A
SCALE: 2:1
A
TITLE:
SIZE DWG. NO.
REV
DO NOT SCALE DRAWING
ANGLES: 1
TOLERANCES:
.020 [0.50]-.200 [5.00]= .008 [0.20]
.200 [5.00]-1.200 [30.00]= .016 [0.40]
1.20 [30.0]-4.75 [120.0]= .024 [0.60]
4.75 [120.0]-12.40 [315.0]= .040 [1.0]
DRAWN:
ENGR:
DT:
DT:
MATERIAL:
FINISH:
PROJECTION:
WARNING
: THIS DRAWING CONTAINS PROPRIETARY INFORMATION
THAT IS THE SOLE PROPERTY OF CONNECTOR CITY, AND SHALL BE
TREATED AS SUCH. NO DISCLOSURE OR REPRODUCTION OF THIS
DOCUMENT IS PERMITTED, IN WHOLE OR IN PART, WITHOUT THE
EXPRESS WRITTEN PERMISSION OF CONNECTOR CITY OR ITS
DESIGNATED AGENTS.
159 ORT LANE
MERLIN, OR 97532
Description
Material
Finish
Body
Pin
Insulation
Nickel
Teflon
Gold
Teflon
Washer
Nickel
Brass
Nut
Nickel
Brass
Brass
Brass
B
B
Added Nut and Washer
2/18/10
CJ
SMA FEMALE PCB MOUNT
EXTENDED
CONSMA008
CJ
2/18/10
5X Ø0.06
(1.52)
0.100
(2.54)
0.100
(2.54)
0.200
(5.08)
RECOMMENDED FOOTPRINT
0.199
0.158
(4.00)
4X S0.041
(1.05)
(5.05)
S0.273
(7.00)
0.199
(5.05)
4X S0.059
(1.50)
0.472
(12.00)
0.155
(3.94)
Ø0.049
(1.25)
0.169
(4.30)
0.697
(17.70)
Ø0.209
(5.30)
1/4-36UNS-2A
THREADS
SIDE VIEW
BACK VIEW


Similar Part No. - CONSMA008

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
CONSMA008-G LINX-CONSMA008-G Datasheet
286Kb / 2P
SMA FEMALE PCB MOUNT EXTENDED
21/JAN/19
More results

Similar Description - CONSMA008

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RF2-500-9 ADAM-TECH-RF2-500-9 Datasheet
64Kb / 1P
SMA FEMALE PCB MOUNT
logo
List of Unclassifed Man...
CONREVSMA008 ETC2-CONREVSMA008 Datasheet
255Kb / 1P
RP-SMA FEMALE PCB MOUNT EXTENDED
CONSMA002-L ETC2-CONSMA002-L Datasheet
166Kb / 1P
SMA FEMALE RIGHT ANGLE PCB MOUNT, EXTENDED
logo
Linx Technologies
CONREVSMA008-G LINX-CONREVSMA008-G Datasheet
284Kb / 2P
RP-SMA FEMALE PCB MOUNT EXTENDED
21/JAN/19
CONSMA002-L-G LINX-CONSMA002-L-G Datasheet
300Kb / 2P
SMA FEMALE RIGHT ANGLE PCB MOUNT, EXTENDED
23/JAN/19
CONSMA008-G LINX-CONSMA008-G Datasheet
286Kb / 2P
SMA FEMALE PCB MOUNT EXTENDED
21/JAN/19
CONSMA018-15-G LINX-CONSMA018-15-G Datasheet
157Kb / 2P
SMA FEMALE FLANGE MOUNT EXTENDED, GOLD
15-JAN-20
CONSMA019-G LINX-CONSMA019-G Datasheet
168Kb / 2P
SMA FEMALE RIGHT ANGLE FLANGE MOUNT, EXTENDED
22-JAN-20
CONREVSMA002-L-G LINX-CONREVSMA002-L-G Datasheet
284Kb / 2P
RP-SMA FEMALE RIGHT ANGLE PCB MOUNT, EXTENDED
21/JAN/19
CONSMA016-15-G LINX-CONSMA016-15-G Datasheet
160Kb / 2P
SMA FEMALE FLANGE MOUNT EXTENDED, GOLD
15-JAN-20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com