Electronic Components Datasheet Search
  English  ▼

X  

CONSMA012 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CONSMA012
Description  SMA MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CONSMA012 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CONSMA012 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.374
(9.50)
Ø0.154
(3.90)
BARREL
CRIMP RING
0.197
(5.00)
0.118
(3.00)
RECOMMENDED CABLE STRIPPING DIMENSIONS
0.098
(2.50)
RG-174 Cable
Description
Material
Finish
Body
Pin
Insulation
Nickel
Teflon
Gold
Teflon
Brass
Brass
Washer
BE CU
Nickel
Gasket
Rubber
SI Rubber
Crimp Ring
Nickel
Brass
0.197
(5.00)
0.287
(7.30)
Ø0.102
(2.60)
0.650
(16.50)
0.331
(8.40)
0.287
(7.30)
1/4-36UNS-2A
THREADS
Ø0.260
(6.60)
Insulator
Teflon
Teflon
Cover
Nickel
Brass
Polyolefin
Heat Shrink
Black
SIDE VIEW
BRAIDED SHIELD
Ø0.138
(3.50)
0.787
(20.00)
HEAT SHRINK
INSULATOR
COVER
Assembly Instructions
1. Strip coax as shown. Put heat shrink,
then crimp ring onto cable.
2. Slide the coax into the body until the
center conductor is centered in the fork.
3. Push the shield over the barrel.
4. Solder the center conductor into
center of the fork.
5. Slide the crimp ring over the shield and
crimp with a 0.128” crimp die.
6. Trim off any excess shield wire sticking
out from the ring.
7. Slip the heat shrink tube over the crimp ring
until it is against the body and then heat shrink.
8. Slip insulator into body.
9. Push cover into the opening.
NOTES: (UNLESS OTHERWISE SPECIFIED)
1. ALL DIMENSIONS ARE IN INCHES [mm].
2. DIMENSIONS APPLY AFTER FINISHING.
3. MANUFACTURE TO BE COMPLIANT WITH EU RoHS DIRECTIVE.
4. SAFETY BREAK ALL SHARP CORNERS AND EDGES .02 MAXIMUM.
REVISIONS
REV
DESCRIPTION
DATE
APPV
SHEET 1 OF 1
LDCFDCC_A
SCALE: 2:1
A
TITLE:
SIZE DWG. NO.
REV
DO NOT SCALE DRAWING
ANGLES: 1
TOLERANCES:
.020 [0.50]-.200 [5.00]= .008 [0.20]
.200 [5.00]-1.200 [30.00]= .016 [0.40]
1.20 [30.0]-4.75 [120.0]= .024 [0.60]
4.75 [120.0]-12.40 [315.0]= .040 [1.0]
DRAWN:
ENGR:
DT:
DT:
MATERIAL:
FINISH:
PROJECTION:
WARNING: THIS DRAWING CONTAINS PROPRIETARY INFORMATION
THAT IS THE SOLE PROPERTY OF CONNECTOR CITY, AND SHALL BE
TREATED AS SUCH. NO DISCLOSURE OR REPRODUCTION OF THIS
DOCUMENT IS PERMITTED, IN WHOLE OR IN PART, WITHOUT THE
EXPRESS WRITTEN PERMISSION OF CONNECTOR CITY OR ITS
DESIGNATED AGENTS.
159 ORT LANE
MERLIN, OR 97532
B
SMA MALE RIGHT ANGLE
CABLE END CRIMP FOR RG174 CABLE
CONSMA012
CJ
7/27/09


Similar Part No. - CONSMA012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONSMA010 ETC2-CONSMA010 Datasheet
129Kb / 1P
SMA MALE TO SMA FEMALE RIGHT ANGLE ADAPTOR
logo
Linx Technologies
CONSMA010-G LINX-CONSMA010-G Datasheet
302Kb / 2P
SMA MALE TO SMA FEMALE RIGHT ANGLE ADAPTER
21/JAN/19
logo
List of Unclassifed Man...
CONSMA011 ETC2-CONSMA011 Datasheet
152Kb / 1P
SMA FEMALE CABLE END CRIMP FOR RG174 CABLE
logo
Linx Technologies
CONSMA011-G LINX-CONSMA011-G Datasheet
328Kb / 2P
SMA FEMALE CABLE END CRIMP FOR RG-174 CABLE
21/JAN/19
logo
List of Unclassifed Man...
CONSMA011-R178 ETC2-CONSMA011-R178 Datasheet
259Kb / 1P
SMA FEMALE CABLE END CRIMP FOR RG178 CABLE
More results

Similar Description - CONSMA012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONMCX012 ETC2-CONMCX012 Datasheet
165Kb / 1P
MCX MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
CONMMCX007 ETC2-CONMMCX007 Datasheet
255Kb / 1P
MMCX MALE CABLE END CRIMP FOR RG174 CABLE
CONMMCX012 ETC2-CONMMCX012 Datasheet
270Kb / 1P
MMCX MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
CONN012 ETC2-CONN012 Datasheet
154Kb / 1P
N MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
CONREVMCX012 ETC2-CONREVMCX012 Datasheet
160Kb / 1P
RP-MCX MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
CONREVSMA007 ETC2-CONREVSMA007 Datasheet
153Kb / 1P
RP-SMA MALE CABLE END CRIMP FOR RG174 CABLE
CONREVSMA012 ETC2-CONREVSMA012 Datasheet
262Kb / 1P
RP-SMA MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
CONSMA007 ETC2-CONSMA007 Datasheet
152Kb / 1P
SMA MALE CABLE END CRIMP FOR RG174 CABLE
CONSMA011 ETC2-CONSMA011 Datasheet
152Kb / 1P
SMA FEMALE CABLE END CRIMP FOR RG174 CABLE
logo
Linx Technologies
CONN012 LINX-CONN012 Datasheet
248Kb / 1P
N MALE RIGHT ANGLE CABLE END CRIMP FOR RG174 CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com