Electronic Components Datasheet Search
  English  ▼

X  

DL4154 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DL4154
Description  Small Signal Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DL4154 Datasheet(HTML) 1 Page - Micro Commercial Components

  DL4154 Datasheet HTML 1Page - Micro Commercial Components DL4154 Datasheet HTML 2Page - Micro Commercial Components DL4154 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Maximum Ratings
l
Operation & Storage Temperature: -55oC to +150oC
l
Maximum Thermal Resistance: 400k/W Junction to Ambient
Electrical Characteristics @ 25oC Unless Otherwise Specified
DL4154
Small Signal
Switching Diode
Reverse Voltage
VR
25V
Peak Reverse Voltage
VRM
35V
Average Rectified
Current
IO
150mA
Resistive Load
f>50Hz
Power Dissipation
PTOT 500mW
Junction Temperature
TJ
175oC
Maximum Instantaneous
Forward Volt.
VF
1.0V
IFM=10mA;
TJ=25
oC
Maximum DC Reverse
Current At Rated DC
Blocking Volt.
IR
0.1uA
VR=25V
TJ=25oC
Typical Junction
Capacitance
CJ
4pF
Measured at
1.0MHz, VR=4.0V
Reverse Recovery Time
Trr
2nS
IF=10mA VR=6V
IR=1mA
RL=100OHMS
DIMENSION
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.130
.146
3.30
3.70
B
.008
.016
.20
.40
C
.055
.059
1.40
1.50
0.030”
0.105
0.075”
SUGGESTED SOLDER
PAD LAYOUT
MINIMELF
A
B
C
Cathode Mark
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
Note: 1.
Lead in Glass Exemption Applied, see EU Directive Annex 5.
Features
l
Fast Switching Speed and Low Current Leakage
l
Compression Bond Construction and Low Cost
l
Surface Mount Application
l
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
l
Moisture Sensitivity Level 1
l
Epoxy meets UL 94 V-0 flammability rating


Similar Part No. - DL4154

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
DL4154 CHENYI-DL4154 Datasheet
330Kb / 2P
schottky barrier switching diode
More results

Similar Description - DL4154

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N4148 CHENYI-1N4148 Datasheet
188Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Micro Commercial Compon...
MMBD6050 MCC-MMBD6050 Datasheet
170Kb / 3P
Small-Signal Switching Diode
logo
Leshan Radio Company
LSD2004LT1 LRC-LSD2004LT1 Datasheet
39Kb / 2P
Small-Signal Switching Diode
logo
Comchip Technology
CDSV6-99SD-G COMCHIP-CDSV6-99SD-G Datasheet
508Kb / 2P
Small-Signal Switching Diode
logo
Galaxy Semi-Conductor H...
BAV17 BILIN-BAV17 Datasheet
101Kb / 2P
SMALL SIGNAL SWITCHING DIODE
1SS141 BILIN-1SS141 Datasheet
54Kb / 1P
SMALL SIGNAL SWITCHING DIODE
LL4151 BILIN-LL4151 Datasheet
121Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
1N4150W-V VISHAY-1N4150W-V Datasheet
122Kb / 4P
Small Signal Switching Diode
21-Jul-05
BA604 VISHAY-BA604_08 Datasheet
224Kb / 4P
Small Signal Switching Diode
26-Jul-06
logo
Kwang Myoung I.S. CO.,L...
1SS244 KISEMICONDUCTOR-1SS244 Datasheet
98Kb / 2P
SMALL SIGNAL SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com