Electronic Components Datasheet Search
  English  ▼

X  

DL4728 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DL4728
Description  1 Watt Zener Diode 3.3 to 100 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DL4728 Datasheet(HTML) 1 Page - Micro Commercial Components

  DL4728 Datasheet HTML 1Page - Micro Commercial Components DL4728 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DL4728
THRU
DL4764
1 Watt
Zener Diode
3.3 to 100 Volts
GLASS MELF
SUGGESTED SOLDER
PAD LAYOUT
Features
•
Wide Voltage Range Available
•
Glass Package
•
High Temp Soldering: 260
°C for 10 Seconds At Terminals
•
For Surface Mount Applications
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
•
1 Watt DC Power Dissipation
•
Power Derating: 10.0mW/
°C above 100°C
•
Maximum Forward Voltage @ 200mA: 1.2 Volts
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.190
.205
4.80
5.20
B
---
.022
---
.55
Nominal
C
.095
.105
2.40
2.67
∅
Figure 2 - Derating Curve
Power Dissipation (W) - Versus - Temperature
°C
Temperature
°C
25
100
150
200
W
0.5
1.0
Typical Temperature Coefficient (mV/
°C) – versus – Zener Voltage (V
Z)
Figure 1 - Typical Temperature Coefficient
0
20
40
0
20
40
mV/
°C
VZ
A
B
C
Cathode Mark
.210”
.035”
.115”
www.mccsemi.com
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - DL4728

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
logo
Shenzhen Luguang Electr...
DL4728 LUGUANG-DL4728 Datasheet
192Kb / 3P
Zener Diodes
logo
Micro Commercial Compon...
DL4728 MCC-DL4728 Datasheet
260Kb / 3P
1 Watt Zener Diode 3.3 to 75 Volts
DL4728 MCC-DL4728 Datasheet
254Kb / 4P
1 Watt Zener Diode Zener Diode
logo
Diode Semiconductor Kor...
DL4728 DSK-DL4728 Datasheet
208Kb / 2P
ZENER DIODES
More results

Similar Description - DL4728

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4728 MCC-1N4728 Datasheet
127Kb / 3P
1.0 Watt Zener Diode 3.3 to 100 Volts
DL4728 MCC-DL4728_08 Datasheet
260Kb / 3P
1 Watt Zener Diode 3.3 to 75 Volts
DL4728A-TP MCC-DL4728A-TP Datasheet
256Kb / 3P
1 Watt Zener Diode 3.3 to 75 Volts
SMAJ4744A-TP MCC-SMAJ4744A-TP Datasheet
426Kb / 4P
1 Watt Zener Diode 3.3 to 75 Volts
SMAJ4728A MCC-SMAJ4728A Datasheet
426Kb / 4P
1 Watt Zener Diode 3.3 to 75 Volts
SMAJ4742A-TP MCC-SMAJ4742A-TP Datasheet
426Kb / 4P
1 Watt Zener Diode 3.3 to 75 Volts
DL4728A MCC-DL4728A Datasheet
263Kb / 3P
1 Watt Zener Diode 3.3 to 75 Volts
SMAJ4728A MCC-SMAJ4728A_18 Datasheet
559Kb / 5P
1 Watt Zener Diode 3.3 to 4.7 Volts
SMAJ4733A MCC-SMAJ4733A_18 Datasheet
559Kb / 5P
1 Watt Zener Diode 5.1 to 100 Volts
SMAJ4740AHE3 MCC-SMAJ4740AHE3 Datasheet
535Kb / 4P
1 Watt Zener Diode 10 to 100 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com