Electronic Components Datasheet Search
  English  ▼

X  

BFS17 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFS17
Description  NPN 1 GHz wideband transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFS17 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BFS17_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS17_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS17_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS17_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS17_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS17_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
September 1995
2
Philips Semiconductors
Product specification
NPN 1 GHz wideband transistor
BFS17
DESCRIPTION
NPN transistor in a plastic SOT23 package.
APPLICATIONS
• A wide range of RF applications such as:
– Mixers and oscillators in TV tuners
– RF communications equipment.
PINNING
PIN
DESCRIPTION
1
base
2
emitter
3
collector
Fig.1 SOT23.
Marking code: E1p.
handbook, halfpage
MSB003
Top view
12
3
QUICK REFERENCED DATA
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note to the Quick reference data and the Limiting values
1. Ts is the temperature at the soldering point of the collector pin.
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
25
V
VCEO
collector-emitter voltage
open base
−
15
V
IC
DC collector current
−
25
mA
Ptot
total power dissipation
up to Ts =70 °C; note 1
−
300
mW
fT
transition frequency
IC = 25 mA; VCE = 5 V; f = 500 MHz; Tj =25 °C1
−
GHz
F
noise figure
IC = 2 mA; VCE =5V; RS =50 Ω; f = 500 MHz;
Tj =25 °C
4.5
−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
25
V
VCEO
collector-emitter voltage
open base
−
15
V
VEBO
emitter-base voltage
open collector
−
2.5
V
IC
DC collector current
−
25
mA
ICM
peak collector current
−
50
mA
Ptot
total power dissipation
up to Ts =70 °C; note 1
−
300
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com