Electronic Components Datasheet Search
  English  ▼

X  

EAT809-S Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # EAT809-S
Description  White PLCC2 Amber Color
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

EAT809-S Datasheet(HTML) 1 Page - Seoul Semiconductor

  EAT809-S Datasheet HTML 1Page - Seoul Semiconductor EAT809-S Datasheet HTML 2Page - Seoul Semiconductor EAT809-S Datasheet HTML 3Page - Seoul Semiconductor EAT809-S Datasheet HTML 4Page - Seoul Semiconductor EAT809-S Datasheet HTML 5Page - Seoul Semiconductor EAT809-S Datasheet HTML 6Page - Seoul Semiconductor EAT809-S Datasheet HTML 7Page - Seoul Semiconductor EAT809-S Datasheet HTML 8Page - Seoul Semiconductor EAT809-S Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Product Data Sheet
Product Brief
Description
제품사진
•아래규격에 부합하는 이미지만 가능: 없을 경우 마케팅
팀에 의뢰
•고해상도
•흰 배경
•표준크기: 제품이 가득 차게 가로 5cm 규격 으로
사각 위치에 맞게 (가로세로 비율 고정)
Key Applications
Features and Benefits
Key Message:
- ex) Enabling high flux systems while reduces LED count
- ex) Enabling compact systems with high reliability
- ex) High reliability and High quality of light
- ex) Flicker-free AC/DC LED Solution
- ex) High-efficient Dimming Solution
Product Family:
- ex) Mid-Power LED
- ex) High-Power LED for Automotive
- ex) Chip on Board
Product ID (part number):
- ex) STW8C2SA
- ex) SZ5-M0-WN-C8
Description
•
Features and Benefits
•
Key Applications
•
•표는 반드시
“Table 번호#. 표 설명” 을 제목으로 한다.
www.seoulsemicon.com
1
Rev5.0, Sep 22, 2015
EAT809-S
– 809 Series Amber
Applicable for automotive interior light
EAT809-S / STA0Z12AE
•
This White Colored surface-mount LED
comes in standard package dimension.
Package Size: 2.2x1.4x1.3mm
•
It has a substrate made up of a molded
plastic reflector sitting on top of a lead
frame.
•
The die is attached within the reflector
cavity and the cavity is encapsulated by
silicone.
•
The package design coupled with
careful selection of component
materials allow these products to
perform with high reliability.
•
White PLCC2 Amber Color
•
ESD min 2kV
•
MSL 2a Level
•
Viewing angle 120℃
•
AEC-Q101 Qualified
•
RoHS compliant
•
Interior automotive
•
Electronic sign and signals
•
Electrical Equipment, Home appliance
TV, PC, NB,
MNT, Mobile
Automotive
Lighting, MR16, PAR,
down light
Bulb, LFT
Outdoor, streetlight,
tunnel, parking
Home appliance
Architectural,
Entertainment
Sign, Channel
Sensor, Torch
Application 응용제품 아이콘 삽입
AEC-Q101
RoHS
809 Series Amber


Similar Part No. - EAT809-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EATOUCH102-1 ETC2-EATOUCH102-1 Datasheet
718Kb / 9P
DOGS GRAPHIC SERIES 102x64 DOTS
EATOUCH128-1 ETC2-EATOUCH128-1 Datasheet
771Kb / 9P
DOGM GRAPHIC SERIES 128x64 DOTS
EATOUCH128-29C1 ETC-EATOUCH128-29C1 Datasheet
1Mb / 10P
INCL CONTROLLER SSD1309 FOR SPI AND I²C
Issue 02.2022
EATOUCH160-1 ETC2-EATOUCH160-1 Datasheet
819Kb / 9P
DOGXL GRAPHIC SERIES 160x104 DOTS WITH SPI AND I짼C
EATOUCH240-3 ETC2-EATOUCH240-3 Datasheet
715Kb / 8P
240X128 INCL. CONTROLLER UC1611S
More results

Similar Description - EAT809-S

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-HA133A-AV-TRB BRIGHT-BL-HA133A-AV-TRB Datasheet
311Kb / 8P
Emitted Color: Amber.
BL-HA136A-TRB BRIGHT-BL-HA136A-TRB Datasheet
229Kb / 8P
Emitted Color : Amber
logo
Cree, Inc
CLM1C-WKW CREE-CLM1C-WKW Datasheet
429Kb / 7P
PLCC2 White SMD LED
logo
Seoul Semiconductor
ELWT801-S SEOUL-ELWT801-S Datasheet
297Kb / 21P
Package: White PLCC2 White Color View Angle: 120
EWT801-S SEOUL-EWT801-S Datasheet
296Kb / 21P
Package: White PLCC2 White Color Technology: InGan/Gan
logo
Marktech Corporate
CLM1C MARKTECH-CLM1C Datasheet
600Kb / 9P
PLCC2 White SMD LED
CLM1C MARKTECH-CLM1C_15 Datasheet
600Kb / 9P
PLCC2 White SMD LED
logo
List of Unclassifed Man...
QBLP670-IW-WW ETC1-QBLP670-IW-WW Datasheet
596Kb / 11P
PLCC2 White LED
logo
Seoul Semiconductor
MSBT801G-YF SEOUL-MSBT801G-YF Datasheet
907Kb / 26P
White PLCC2 Sky Blue Color
logo
TT Electronics.
OVS9WBCR9 TTELEC-OVS9WBCR9 Datasheet
1Mb / 5P
White PLCC2 Surface Mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com