Electronic Components Datasheet Search
  English  ▼

X  

ERT809-S Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # ERT809-S
Description  Applicable for automotive interior light
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

ERT809-S Datasheet(HTML) 5 Page - Seoul Semiconductor

  ERT809-S Datasheet HTML 1Page - Seoul Semiconductor ERT809-S Datasheet HTML 2Page - Seoul Semiconductor ERT809-S Datasheet HTML 3Page - Seoul Semiconductor ERT809-S Datasheet HTML 4Page - Seoul Semiconductor ERT809-S Datasheet HTML 5Page - Seoul Semiconductor ERT809-S Datasheet HTML 6Page - Seoul Semiconductor ERT809-S Datasheet HTML 7Page - Seoul Semiconductor ERT809-S Datasheet HTML 8Page - Seoul Semiconductor ERT809-S Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
www.seoulsemicon.com
Product Data Sheet
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
ERT809-S
– 809 Series Red
5
Rev4.0, Sep 22, 2015
 차트 사각형에 차트의 X축/ Y축을 맞춘다.
Characteristics Graph
Fig 1. Color Spectrum, I
F = 20mA, Tj = 25ºC, RH30%
Fig 2. Viewing Angle Distribution, I
F = 20mA
Wavelength [nm]
400
500
600
700
800
0.0
0.2
0.4
0.6
0.8
1.0
Dominant Wavelength [nm]
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.2
0.4
0.6
0.8
1.0
0
30
60
90
0.0
0.2
0.4
0.6
0.8
1.0
-90
-60
-30
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com