Electronic Components Datasheet Search
  English  ▼

X  

NJM2769 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2769
Description  HAEDPHONE AMPLIFIER for CD-ROM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2769 Datasheet(HTML) 2 Page - New Japan Radio

  NJM2769 Datasheet HTML 1Page - New Japan Radio NJM2769 Datasheet HTML 2Page - New Japan Radio NJM2769 Datasheet HTML 3Page - New Japan Radio NJM2769 Datasheet HTML 4Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
j
j
j
j
NJM2769A
s
s
s
s ABSOLUTE MAXMUM RANGE (Ta=25
°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+
+7
V
Power Dissipation
PD
(DMP8) 375
750 (note)
mW
Operating Temperature Range
Topr
-40 to +85
°C
Storage Temperature Range
Tstg
-50 to +150
°C
(note)At on PC board
s
s
s
s ELECTRICAL CHARACTERISTICS (V
+=5.0V,Vin=-6dBV,f=1kHz,R
L=32
Ω,Ta=25°C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Operating Voltage
V
+
4.5
5.0
5.5
V
Operating Current
ICC
No Signal
-
2.0
4.0
mA
Reference Voltage
Vref
No Signal
-
2.1
-
V
Closed Loop Gain
GV
56
7
dB
Channel Balance
∆G
V
-0.5
0
+0.5
dB
Output Power
PO1
RL=32
Ω, THD=1%
30
50
-
mW
PO2
RL=16
Ω, THD=1%
40
100
-
mW
Total Harmonic Distortion
THD
-
0.02
0.1
%
Output Noise Voltage
Vno
Rg=0
Ω, A-Weighted
-
-98
(12.6)
-88
(39.8)
dBV
(
µVrms)
Mute Attenuation
ATT
Vo/Vin
-
-80
-70
dB
Channel Separation
CS
65
80
-
dB
Ripple Rejection Ratio
RR
Vripple=-20dBV, Rg=0
Ω
-65
-
dB
Input Voltage H-level
VIH
2.0
-
V
+
V
Input Voltage L-level
VIL
0.0
-
0.3
V
s
s
s
s COMTROL PIN INFOMETION
PARAMETER
CONTROL SIGNAL
OPERATING CONDITION
MUTE ON
LNON-SIGNAL
MUTE OFF
H
OUTPUT SIGNAL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com