Electronic Components Datasheet Search
  English  ▼

X  

BA6220 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # BA6220
Description  GENERAL USE ELECTRONIC GOVERNOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BA6220 Datasheet(HTML) 4 Page - Unisonic Technologies

  BA6220 Datasheet HTML 1Page - Unisonic Technologies BA6220 Datasheet HTML 2Page - Unisonic Technologies BA6220 Datasheet HTML 3Page - Unisonic Technologies BA6220 Datasheet HTML 4Page - Unisonic Technologies BA6220 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BA6220
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R109-001.D
APPLICATION CIRCUIT
TEST CIRCUIT
4
8
5
1(2)
V
VCC
IM
390Ω
RM
VREF
4
8
5
1(2)
VCC
390Ω
RM1
A
IM
A
RM2
4
8
5
1(2)
V
Vcc
4.4Ω
VREF
VA(SAT)
4
8
5
1(2)
Vcc
390Ω
A
IM
A
I4
180Ω
Fig. 1
Fig. 2
Fig. 3
Fig. 4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com