Electronic Components Datasheet Search
  English  ▼

X  

LS3718 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # LS3718
Description  20-BIT SERIAL TO PARALLEL CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LS3718 Datasheet(HTML) 6 Page - Unisonic Technologies

  LS3718_15 Datasheet HTML 1Page - Unisonic Technologies LS3718_15 Datasheet HTML 2Page - Unisonic Technologies LS3718_15 Datasheet HTML 3Page - Unisonic Technologies LS3718_15 Datasheet HTML 4Page - Unisonic Technologies LS3718_15 Datasheet HTML 5Page - Unisonic Technologies LS3718_15 Datasheet HTML 6Page - Unisonic Technologies LS3718_15 Datasheet HTML 7Page - Unisonic Technologies LS3718_15 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LS3718
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R121-015.B
FUNCTION DESCRIPTION
RESET
When the CLR terminal is "L" level, all latches are reset and all of parallel output are "L" level.
Normally, the CLR terminal should be "H" level.
DATA TRANSMISSION
When the STB terminal is "H" level and input the clock signal to the CLK terminal, the serial data input the DATA
terminal and shift in the shift register by synchronizing at rising edge of the clock signal.
When the STB terminal is changed to "L" level, the data in the shift register are transferred to the latch.
Even if the STB terminal is "L" level, the input clock signal shift the data in the shift register, therefore, the clock
signal controlled is needed.
CASCADE CONNECTION
The serial data input from DATA terminal and output from the SO terminal through internal shift register unrelated to
the CLR and STB status.
Furthermore, the 4 input terminals have a hysteresis characteristic by using the schmitt trigger structure to decrease
the noise.
CLK
STB
CLR
DESCRIPTION
X
X
L
All latch are reset (the data in the shift register is not change). All of parallel
outputs are "L".
H
H
The serial data input from DATA terminal to the shift register (the data in the
latch is not change).
L
H
The data in the shift register transfer to the latch. And the data in the latch
output from the parallel output.
L
H
The CLK input in the STB ="L" and CLR ="H" state, the data shift in the
shift register and latched data also change in accordance with the shift
register.
Note: X: Don’t care



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com