Electronic Components Datasheet Search
  English  ▼

X  

SK1288-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # SK1288-S08-R
Description  2-PHASE DC-FAN MOTOR DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SK1288-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  SK1288-S08-R Datasheet HTML 1Page - Unisonic Technologies SK1288-S08-R Datasheet HTML 2Page - Unisonic Technologies SK1288-S08-R Datasheet HTML 3Page - Unisonic Technologies SK1288-S08-R Datasheet HTML 4Page - Unisonic Technologies SK1288-S08-R Datasheet HTML 5Page - Unisonic Technologies SK1288-S08-R Datasheet HTML 6Page - Unisonic Technologies SK1288-S08-R Datasheet HTML 7Page - Unisonic Technologies SK1288-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SK1288
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R109-024,A
ABSOLUTE MAXIMUM RATINGS (Ta = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply voltage
VCC
2.5V ~ 20V
V
Supply current
ICC
20
mA
Circuit current
Io
600
mA
FG output current
IFG
20
mA
Power dissipation
PD
700
mW
Hall input common mode voltage range
VHIC
1.0 ~ VCC-0.5
V
Operating ambient temperature
TOPR
-20 ~ +85
℃
Storage temperature
TSTG
-55 ~ +150
℃
Note 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The device is guaranteed to meet performance specification within 0℃~+70℃ operating temperature range
and assured by design from -20℃~+85℃.
ELECTRICAL CHARACTERISTICS (Ta=25℃ , V
CC=3V)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP MAX UNIT
In drive mode (CT=L)
13
mA
Current drain
ICC
In lockup protection mode (CT=H )
3
mA
Lockup detection capacitor charge current
ICT1
V 1PIN = 1.3V
0.9
1.2
1.5
uA
Capacitor discharge current
ICT2
V 1PIN = 1.3V
0.5
0.6
0.8
uA
Capacitor charge/discharge current ratio
RCT
2.5
CT charge voltage
VCT1
1.3
V
CT discharge voltage
VCT2
0.3
V
Output low level voltage
VOL
IO=200mA
0.3
0.7
V
Hall input sensitivity
VHIN
Zero peak value
(including offset and hysteresis)
3
15
mV
FG output pin low voltage
VFG
IFG=5mA
0.11
V
FG output pin leakage current
IFG(LEAK) VFG=15V
1
uA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com