Electronic Components Datasheet Search
  English  ▼

X  

UT3223 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT3223
Description  MULTICHANNAEL RS-232 LINE DRIVERS/RECEIVERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3223 Datasheet(HTML) 2 Page - Unisonic Technologies

  UT3223 Datasheet HTML 1Page - Unisonic Technologies UT3223 Datasheet HTML 2Page - Unisonic Technologies UT3223 Datasheet HTML 3Page - Unisonic Technologies UT3223 Datasheet HTML 4Page - Unisonic Technologies UT3223 Datasheet HTML 5Page - Unisonic Technologies UT3223 Datasheet HTML 6Page - Unisonic Technologies UT3223 Datasheet HTML 7Page - Unisonic Technologies UT3223 Datasheet HTML 8Page - Unisonic Technologies UT3223 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
UT3223
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 9
www.unisonic.com.tw
QW-R502-A91.b
■
MARKING
PIN CONFIGURATION
1
C2+
2
C2-
3
V-
4
R1IN
5
R2IN
6
7
8
9
T1OUT
10
T2OUT
20
C1+
19
V+
18
VCC
17
GND
16
C1-
15
FORCEON
14
13
12
11
R2OUT
UTC
UT3223
R1OUT
T1IN
T2IN
INVALID
FORCEOFF
EN
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
EN
Receiver Enable Control. Drive low for normal operation. Drive high to force the
receiver outputs (R_OUT) into a high-impedance state.
2
C1+
Positive terminal of the voltage doubler charge-pump capacitor.
3
V+
+5.5V generated by the charge pump.
4
C1-
Negative terminal of the voltage doubler charge-pump capacitor.
5
C2+
Positive terminal of inverting charge-pump capacitor.
6
C2-
Negative terminal of inverting charge-pump capacitor.
7
V-
-5.5V generated by the charge pump.
8
T2OUT
RS-232 Transmitter 2 Output.
9
R2IN
RS-232 Receiver 2 Input.
10
R2OUT
TTL/CMOS Receiver 2 Output.
11
INVALID
Output of the valid signal detector. Indicates if a valid RS-232 level is present on
receiver inputs logic “1”.
12
T2IN
TTL/CMOS Transmitter 2 Input.
13
T1IN
TTL/CMOS Transmitter 1 Input.
14
FORCEON
Drive high to override automatic circuitry keeping transmitters on ( FORCEOFF must
be high) (Table 2).
15
R1OUT
TTL/CMOS Receiver 1 Output.
16
R1IN
RS-232 Receiver 1 Input.
17
T1OUT
RS-232 Transmitter 1 Output.
18
GND
Ground.
19
VCC
+3.0V ~ +5.5V Supply Voltage.
20
FORCEOFF
Drive low to shut down transmitters and on-board power supply. This over-rides all
automatic circuitry and FORCEON (Table 2).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com