Electronic Components Datasheet Search
  English  ▼

X  

FRA254GP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # FRA254GP
Description  25.0 Amp GLASS PASSIVATED BUTTON DIODE 400 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

FRA254GP Datasheet(HTML) 1 Page - Micro Commercial Components

  FRA254GP Datasheet HTML 1Page - Micro Commercial Components FRA254GP Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SRA
DIMENSION
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.327
.347
8.30
8.90
B
.165
.185
4.20
4.70
C
.218
.222
5.54
5.64
D
.234
.246
5.94
6.25
E
-----
5
o
-----
5
o
NOM
Features
l
Plastic Material Used Carriers Underwrites Laboratory
Classification 94V-O
l
Low Cost Construction Utilizing Void-free Molded Plastic
Technique
l
High Surge Capability
l
Diffused Junction
Maximum Ratings
l
Operating & Storage Temperature: -50
oC to +175oC
l
For Capacitive Load, Derate Current by 20%
FRA254GP
400V
280V
400V
MCC Part
Number
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS Voltage
Maximum
DC
Blocking
Voltage
Electrical Characteristics @ 25oC Unless Otherwise Specified
Average Forward
Current
IF(AV)
25.0A
TC=150
o C
Peak Forward Surge
Current
IFSM
400A
8.3ms half
sine
Maximum
Instantaneous
Forward Voltage
VF
1.3V
IFM=25.0A
TA=25
oC
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0uA
TC=25
o C
Typical Reverse
Recovery Times
trr
250ns
IF=0.5A,
IR=1.0A,
Irr=0.25A
FRA254GP
25.0 Amp
GLASS PASSIVATED
BUTTON DIODE
400 Volts
A
B
C
D
E
www.mccsemi.com
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - FRA254GP

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
FRA250-120 DBLECTRO-FRA250-120 Datasheet
112Kb / 3P
Radial Leaded PTC FRA Series
logo
RFE international
FRA250-120F RFE-FRA250-120F Datasheet
182Kb / 2P
FRA010-120F FRA Series
More results

Similar Description - FRA254GP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RA251GP MCC-RA251GP Datasheet
121Kb / 2P
25.0 Amp Glass passivated Rectifier 50 to 1000 Volts
logo
SeCoS Halbleitertechnol...
GBJ25A SECOS-GBJ25A Datasheet
187Kb / 2P
25.0 AMP Glass Passivated Bridge Rectifiers
GBJ25005 SECOS-GBJ25005 Datasheet
286Kb / 2P
25.0 AMP Glass Passivated Bridge Rectifiers
logo
Micro Commercial Compon...
BA157GP MCC-BA157GP Datasheet
233Kb / 4P
1 Amp Glass Passivated Fast Recovery Rectifier 400~1000 Volts
RA251GP MCC-RA251GP_08 Datasheet
109Kb / 3P
25.0 Amp Glass passivated Rectifier 50 to 1000 Volts
SF21G MCC-SF21G Datasheet
224Kb / 4P
2.0 Amp Super Fast Glass Passivated Rectifier 50 to 400 Volts
BA157GP MCC-BA157GP_13 Datasheet
264Kb / 4P
1 Amp Glass Passivated Fast Recovery Rectifier 400~1000 Volts
logo
Frontier Electronics.
MUR840 FRONTIER-MUR840 Datasheet
1Mb / 2P
8 Amp Ultra Fast Glass Passivated Rectifier 400 to 1000 Volts
logo
DIYI Electronic Technol...
GBPC25005 DYELEC-GBPC25005 Datasheet
2Mb / 2P
SINGLE PHASE 25.0 AMP GLASS PASSIVATED BRIDGE RECTIFIER
GBPC25005W DYELEC-GBPC25005W Datasheet
2Mb / 2P
SINGLE PHASE 25.0 AMP GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com