Electronic Components Datasheet Search
  English  ▼

X  

GL34A Datasheet(PDF) 1 Page - Micro Commercial Components

Part # GL34A
Description  0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

GL34A Datasheet(HTML) 1 Page - Micro Commercial Components

  GL34A Datasheet HTML 1Page - Micro Commercial Components GL34A Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSION
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.134
.142
3.40
3.60
B
.008
.016
0.20
0.40
C
.055
.059
1.40
1.50
Features
l
High Current Capability
l
Extremely Low Thermal Resistance
l
For Surface Mount Application
l
Higher Temp Soldering: 250
oC for 10 Seconds At Terminals
l
Minimelf Plastic Package
Maximum Ratings
l
Operating Temperature: -55
oC to +150oC
l
Storage Temperature: -55
oC to +150oC
l
Maximum Thermal Resistance: 5
oC/W Junction to Lead
GL34A
----
50V
35V
50V
GL34B
----
100V
70V
100V
GL34D
----
200V
140V
200V
GL34G
----
400V
280V
400V
GL34J
----
600V
420V
600V
GL34K
----
800V
560V
800V
GL34M
----
1000V
700V
1000V
Maximum
DC Blocking
Voltage
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Electrical Characteristics @ 25oC Unless Otherwise Specified
GL34A
THRU
GL34M
0.5 Amp
Standard Recovery
Rectifier
50 to 1000 Volts
Average Forward Current
IF(AV)
0.5A
TJ=75
oC
Peak Forward Surge
Current
IFSM
10.0A
8.3ms half sine
Maximum Instantaneous
Forward Voltage
GL34A-G
GL34J-M
V F
1.2
1.3
IFM=0.5A
TA=25
oC
Maximum DC Reverse
Current At Rated DC
Blocking Voltage
IR
5.0uA
TJ=25
oC
Typical Junction
Capacitance
CJ
4.0pF
Measured at
1.0MHz,
V R=4.0V
MINIMELF
A
B
C
Cathode Mark
0.030”
0.105
0.075”
SUGGESTED SOLDER
PAD LAYOUT
www.mccsemi.com
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - GL34A

ManufacturerPart #DatasheetDescription
logo
Dc Components
GL34A DCCOM-GL34A Datasheet
340Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
logo
Formosa MS
GL34A FORMOSA-GL34A Datasheet
66Kb / 2P
Silicon passivated type
logo
General Semiconductor
GL34A GE-GL34A Datasheet
80Kb / 2P
SURFACE MOUNT GLASS PASSIVATED FAST SWITCHING JUNCTION RECTIFIER
logo
Diotec Semiconductor
GL34A DIOTEC-GL34A Datasheet
170Kb / 2P
Surface Mount Si-Rectifiers
logo
Formosa MS
GL34A FORMOSA-GL34A Datasheet
77Kb / 2P
MINI-MELF glass passivated junction Diodes - Silicon passivated type
More results

Similar Description - GL34A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1F10 MCC-1F10 Datasheet
201Kb / 2P
0.5 Amp Fast Recovery Rectifier 1000 to 1800 Volts
EGL34A MCC-EGL34A Datasheet
357Kb / 2P
0.5 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
S10A MCC-S10A Datasheet
648Kb / 2P
10.0 Amp Standard Recovery Rectifier 50 to 1000 Volts
RGL34A MCC-RGL34A Datasheet
352Kb / 2P
0.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
RL101GP MCC-RL101GP Datasheet
248Kb / 2P
1.0 Amp Standard Recovery Rectifier 50-1000 Volts
SOD4001 MCC-SOD4001 Datasheet
101Kb / 3P
1 Amp Standard Recovery Rectifier 50 to 1000 Volts
SOD4001-TS01 MCC-SOD4001-TS01 Datasheet
118Kb / 3P
1 Amp Standard Recovery Rectifier 50 to 1000 Volts
1F10 MCC-1F10_08 Datasheet
437Kb / 3P
0.5 Amp Fast Recovery Rectifier 1000 to 1800 Volts
GL34A MCC-GL34A_08 Datasheet
218Kb / 4P
0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
GL34D-TP MCC-GL34D-TP Datasheet
98Kb / 3P
0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com