Electronic Components Datasheet Search
  English  ▼

X  

LM2731 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM2731
Description   0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2731 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2731 Datasheet HTML 9Page - Texas Instruments LM2731 Datasheet HTML 10Page - Texas Instruments LM2731 Datasheet HTML 11Page - Texas Instruments LM2731 Datasheet HTML 12Page - Texas Instruments LM2731 Datasheet HTML 13Page - Texas Instruments LM2731 Datasheet HTML 14Page - Texas Instruments LM2731 Datasheet HTML 15Page - Texas Instruments LM2731 Datasheet HTML 16Page - Texas Instruments LM2731 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
LOAD CURRENT (mA)
0
100
200
300
400
70
80
90
100
500
5 - 12V Boost
^y_ s Υ]}v
LM2731
³;´
SW
FB
GND
VIN
SHDN
U1
R3
51K
SHDN
GND
5 VIN
C1
2.2PF
R2
13.3K
CF
220pF
D1
MBR0520
R1/117K
L1/10PH
C2
4.7PF
12V
OUT
500mA
(TYP)
LM2731
www.ti.com
SNVS217G – MAY 2004 – REVISED SEPTEMBER 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The device will operate with input voltage range from 2.7 V to 14 V and provide a regulated output voltage. This
device is optimized for high-efficiency operation with minimum number of external components. For component
selection, see Detailed Design Procedure.
8.2 Typical Application
Figure 24. Application Schematic
Figure 25. Efficiency vs Load Current
8.2.1 Design Requirements
The device must be able to operate at any voltage within the recommended operating range. The load current
must be defined in order to properly size the inductor, input, and output capacitors. The inductor must be able to
handle full expected load current as well as the peak current generated during load transients and start-up.
Inrush current at start-up will depend on the output capacitor selection. More details are provided in Detailed
Design Procedure.
The device has a shutdown pin which is used to disable the device. This pin is active-LOW and care must be
taken that the voltage on this pin does not exceed VIN + 0.3 V. This pin must also not be left floating.
8.2.2 Detailed Design Procedure
8.2.2.1 Selecting the External Capacitors
The best capacitors for use with the LM2731 are multi-layer ceramic capacitors. These capacitors have the
lowest ESR (equivalent series resistance) and highest resonance frequency which makes them optimum for use
with high-frequency switching converters.
When selecting a ceramic capacitor, only X5R and X7R dielectric types should be used. Other types such as
Z5U and Y5F have such severe loss of capacitance due to effects of temperature variation and applied voltage,
they may provide as little as 20% of rated capacitance in many typical applications. Always consult capacitor
manufacturer’s data curves before selecting a capacitor. High-quality ceramic capacitors can be obtained from
Taiyo-Yuden, AVX, and Murata.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM2731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com