Electronic Components Datasheet Search
  English  ▼

X  

LM2733 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM2733
Description   0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2733 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2733 Datasheet HTML 8Page - Texas Instruments LM2733 Datasheet HTML 9Page - Texas Instruments LM2733 Datasheet HTML 10Page - Texas Instruments LM2733 Datasheet HTML 11Page - Texas Instruments LM2733 Datasheet HTML 12Page - Texas Instruments LM2733 Datasheet HTML 13Page - Texas Instruments LM2733 Datasheet HTML 14Page - Texas Instruments LM2733 Datasheet HTML 15Page - Texas Instruments LM2733 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
LM2733
SNVS209F – NOVEMBER 2002 – REVISED DECEMBER 2014
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM2733 device is a high frequency switching boost regulator that offers small size and high power
conversion efficiency. The "X" version of the part operates at 1.6 MHz switching frequency and the "Y" version at
600 kHz.
The LM2733 device targets applications with high output voltages and uses a high voltage FET allowing switch
currents up to 1 A. The LM2731 device is similar to the LM2733 device but has a lower voltage FET allowing
switch currents up to 1.8 A.
8.2 Typical Application
Figure 24. Basic Application Circuit
8.2.1 Design Requirements
Table 1. Circuit Configurations
LM2733-X
LM2733-X
LM2733-Y
Component
Low Voltage 5-12V 330mA typ
High Voltage 20V 170mA typ.
High Voltage 30V 110mA typ
R1
117K
205K
309K
R2
13.3K
13.3K
13.3K
Cf
220pF
120pF
82pF
D1
MBR0520
MBR0530
MBR0540
8.2.2 Detailed Design Procedure
8.2.2.1 Selecting the External Capacitors
The best capacitors for use with the LM2733 device are multi-layer ceramic capacitors. They have the lowest
ESR (equivalent series resistance) and highest resonance frequency which makes them optimum for use with
high frequency switching converters.
When selecting a ceramic capacitor, only X5R and X7R dielectric types should be used. Other types such as
Z5U and Y5F have such severe loss of capacitance due to effects of temperature variation and applied voltage,
they may provide as little as 20% of rated capacitance in many typical applications. Always consult capacitor
manufacturer’s data curves before selecting a capacitor. High-quality ceramic capacitors can be obtained from
Taiyo-Yuden, AVX, and Murata.
12
Submit Documentation Feedback
Copyright © 2002–2014, Texas Instruments Incorporated
Product Folder Links: LM2733



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com