Electronic Components Datasheet Search
  English  ▼

X  

LM2733XMF Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM2733XMF
Description   0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2733XMF Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM2733XMF Datasheet HTML 11Page - Texas Instruments LM2733XMF Datasheet HTML 12Page - Texas Instruments LM2733XMF Datasheet HTML 13Page - Texas Instruments LM2733XMF Datasheet HTML 14Page - Texas Instruments LM2733XMF Datasheet HTML 15Page - Texas Instruments LM2733XMF Datasheet HTML 16Page - Texas Instruments LM2733XMF Datasheet HTML 17Page - Texas Instruments LM2733XMF Datasheet HTML 18Page - Texas Instruments LM2733XMF Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
ILOAD(max) = (1 - DC) x (ISW(max) - DC (VIN - VSW))
2fL
0
20
40
60
80
100
0
200
400
600
800
1000
1200
1400
1600
DUTY CYCLE (%) = [1 - EFF*(VIN/VOUT))]
VIN = 5V
VIN = 3.3V
VIN = 2.7V
0
20
40
60
80
100
0
200
400
600
800
1000
1200
1400
1600
DUTY CYCLE (%) = [1 - EFF*(VIN/VOUT))]
VIN = 5V
VIN = 3.3V
VIN = 2.7V
LM2733
www.ti.com
SNVS209F – NOVEMBER 2002 – REVISED DECEMBER 2014
8.2.2.10 Maximum Switch Current
The maximum FET swtch current available before the current limiter cuts in is dependent on duty cycle of the
application. This is illustrated in the graphs below which show both the typical and specified values of switch
current for both the "X" and "Y" versions as a function of effective (actual) duty cycle:
Figure 26. Switch Current Limit vs Duty Cycle - "X"
Figure 27. Switch Current Limit vs Duty Cycle - "Y"
8.2.2.11 Calculating Load Current
As shown in the figure which depicts inductor current, the load current is related to the average inductor current
by the relation:
ILOAD = IIND(AVG) x (1 - DC)
(7)
Where "DC" is the duty cycle of the application. The switch current can be found by:
ISW = IIND(AVG) + ½ (IRIPPLE)
(8)
Inductor ripple current is dependent on inductance, duty cycle, input voltage and frequency:
IRIPPLE = DC x (VIN-VSW) / (f x L)
(9)
combining all terms, we can develop an expression which allows the maximum available load current to be
calculated:
(10)
The equation shown to calculate maximum load current takes into account the losses in the inductor or turn-OFF
switching losses of the FET and diode. For actual load current in typical applications, we took bench data for
various input and output voltages for both the "X" and "Y" versions of the LM2733 device and displayed the
maximum load current available for a typical device in graph form:
Figure 28. Max. Load Current vs VIN - "X"
Figure 29. Max. Load Current vs VIN - "Y"
Copyright © 2002–2014, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM2733



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com