Electronic Components Datasheet Search
  English  ▼

X  

LM2735 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM2735
Description  LM2735-xx 520-kHz and 1.6-MHz Space-Efficient Boost and SEPIC DC-DC Regulator
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2735 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM2735 Datasheet HTML 17Page - Texas Instruments LM2735 Datasheet HTML 18Page - Texas Instruments LM2735 Datasheet HTML 19Page - Texas Instruments LM2735 Datasheet HTML 20Page - Texas Instruments LM2735 Datasheet HTML 21Page - Texas Instruments LM2735 Datasheet HTML 22Page - Texas Instruments LM2735 Datasheet HTML 23Page - Texas Instruments LM2735 Datasheet HTML 24Page - Texas Instruments LM2735 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
1
L
LOAD
R
4
C
1
D
2
R
1
R
3
R
2
C
1
C
IN
V
5
C
3
C
LM2735
1
AGND
FB
SW
VIN
EN
PGND
NC
NC
2
3
4
8
7
6
5
LM2735, LM2735-Q1
www.ti.com
SNVS485G – JUNE 2007 – REVISED AUGUST 2015
8.2.5 LM2735Y MSOP-PowerPAD Design Example 5
Figure 26. LM2735Y (520 kHz): VIN = 3.3 V, VOUT = 12 V at 350 mA
PART ID
PART VALUE
MANUFACTURER
PART NUMBER
U1
2.1-A Boost Regulator
TI
LM2735YMY
C1 Input Capacitor
22 µF, 6.3 V, X5R
TDK
C2012X5R0J226M
C2 Input Capacitor
No Load
C3 Output Capacitor
10 µF, 25 V, X5R
TDK
C3216X5R1E106M
C4 Output Capacitor
No Load
C5 Comp Capacitor
330 pF
TDK
C1608X5R1H331K
D1, Catch Diode
0.4 Vf Schottky 1 A, 20 VR
ST
STPS120M
L1
15 µH 1.5 A
Coilcraft
MSS5131-153ML
R1
10.2 k
Ω, 1%
Vishay
CRCW06031022F
R2
86.6 k
Ω, 1%
Vishay
CRCW06038662F
R3
100 k
Ω, 1%
Vishay
CRCW06031003F
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM2735 LM2735-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com