Electronic Components Datasheet Search
  English  ▼

X  

PUSB3TB6 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PUSB3TB6
Description  ESD protection for ultra high-speed interfaces
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PUSB3TB6 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PUSB3TB6_15 Datasheet HTML 2Page - NXP Semiconductors PUSB3TB6_15 Datasheet HTML 3Page - NXP Semiconductors PUSB3TB6_15 Datasheet HTML 4Page - NXP Semiconductors PUSB3TB6_15 Datasheet HTML 5Page - NXP Semiconductors PUSB3TB6_15 Datasheet HTML 6Page - NXP Semiconductors PUSB3TB6_15 Datasheet HTML 7Page - NXP Semiconductors PUSB3TB6_15 Datasheet HTML 8Page - NXP Semiconductors PUSB3TB6_15 Datasheet HTML 9Page - NXP Semiconductors PUSB3TB6_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PUSB3TB6
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 August 2014
6 of 13
NXP Semiconductors
PUSB3TB6
ESD protection for ultra high-speed interfaces
The device uses an advanced clamping structure showing a negative dynamic resistance.
This snap-back behavior strongly reduces the clamping voltage to the system behind the
ESD protection during an ESD event. Do not connect unlimited DC current sources to the
data lines to avoid keeping the ESD protection device in snap-back state after exceeding
breakdown voltage (due to an ESD pulse for instance).
IEC 61000-4-5; tp =8/20 s; positive pulse
IEC 61000-4-5; tp =8/20 s; negative pulse
Fig 6.
Dynamic resistance with positive clamping;
typical values
Fig 7.
Dynamic resistance with negative clamping;
typical values
tp = 100 ns; Transmission Line Pulse (TLP)
tp = 100 ns; Transmission Line Pulse (TLP)
Fig 8.
Dynamic resistance with positive clamping;
typical values
Fig 9.
Dynamic resistance with negative clamping;
typical values
aaa-013508
VCL (V)
06
4
2
2
1
3
4
I
(A)
0
aaa-013509
VCL (V)
-6
0
-2
-4
-2
-3
-1
0
I
(A)
-4
VCL (V)
012
8
4
aaa-013510
14
I
(A)
0
2
4
6
8
10
12
VCL (V)
-12
0
-4
-8
aaa-013511
0
I
(A)
-14
-12
-10
-8
-6
-4
-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com