Electronic Components Datasheet Search
  English  ▼

X  

HER301 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # HER301
Description  3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

HER301 Datasheet(HTML) 1 Page - Micro Commercial Components

  HER301 Datasheet HTML 1Page - Micro Commercial Components HER301 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HER301
THRU
HER308
3.0 Amp High
Efficient Rectifiers
50 to 1000 Volts
Features
•
High Surge Current Capability
•
High Reliability
•
Low Forward Voltage Drop
•
High Current Capability
Maximum Ratings
•
Operating Temperature: -55
°C to +125°C
•
Storage Temperature: -55
°C to +150°C
•
For capacitive load, derate current by 20%
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
HER301
---
50V
35V
50V
HER302
---
100V
70V
100V
HER303
---
200V
140V
200V
HER304
---
300V
210V
300V
HER305
---
400V
280V
400V
HER306
---
600V
420V
600V
HER307
---
800V
560V
800V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
3 A
TA = 55
°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
HER301-304
HER305
VF
1.0V
1.3V
IFM = 3.0A;
TA = 25
°C
Reverse Current At
Rated DC Blocking
Voltage (Maximum DC)
IR
10
µA
200
µA
TA = 25
°C
TA = 100
°C
Maximum Reverse
Recovery Time
HER301-305
HER306-308
Trr
50ns
75ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
HER301-305
HER306-308
CJ
80pF
50pF
Measured at
1.0MHz, VR=4.0V
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
DO-201AD
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
---
.370
---
9.50
B
---
.250
---
6.40
C
.048
.052
1.20
1.30
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
www.mccsemi.com
HER306-308
1.7V
HER308
---
1000V
700V
1000V
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - HER301

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
HER301 MOSPEC-HER301 Datasheet
125Kb / 2P
HIGH EFFICIENCY RECTIFIERS(3.0A,50-400V)
logo
Won-Top Electronics
HER301 WTE-HER301 Datasheet
48Kb / 3P
3.0A HIGH EFFICIENCY RECTIFIER
logo
Zowie Technology Corpor...
HER301 ZOWIE-HER301 Datasheet
51Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Rectron Semiconductor
HER301 RECTRON-HER301 Datasheet
288Kb / 2P
HIGH EFFICIENCY RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere)
logo
Jinan Gude Electronic D...
HER301 JGD-HER301 Datasheet
169Kb / 2P
3.0 AMPS.HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER301

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
HER101 MCC-HER101 Datasheet
368Kb / 2P
1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER151 MCC-HER151 Datasheet
238Kb / 2P
1.5 Amp High Efficient Rectifiers 50 to 1000 Volts
ER3A-HT MCC-ER3A-HT Datasheet
781Kb / 2P
3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
ER3A-HT MCC-ER3A-HT_11 Datasheet
242Kb / 3P
3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER101 MCC-HER101_11 Datasheet
725Kb / 3P
1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER301 MCC-HER301_11 Datasheet
261Kb / 3P
3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER501 MCC-HER501_11 Datasheet
536Kb / 3P
5.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER301 MCC-HER301_13 Datasheet
292Kb / 3P
3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
HER301 YFWDIODE-HER301 Datasheet
85Kb / 2P
3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER301-DO27 YFWDIODE-HER301-DO27 Datasheet
309Kb / 2P
3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com