Electronic Components Datasheet Search
  English  ▼

X  

RCT02 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # RCT02
Description  ENCODER FOR REMOTE CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCT02 Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button RCT02_15 Datasheet HTML 3Page - Unisonic Technologies RCT02_15 Datasheet HTML 4Page - Unisonic Technologies RCT02_15 Datasheet HTML 5Page - Unisonic Technologies RCT02_15 Datasheet HTML 6Page - Unisonic Technologies RCT02_15 Datasheet HTML 7Page - Unisonic Technologies RCT02_15 Datasheet HTML 8Page - Unisonic Technologies RCT02_15 Datasheet HTML 9Page - Unisonic Technologies RCT02_15 Datasheet HTML 10Page - Unisonic Technologies RCT02_15 Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
RCT02
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 11
www.unisonic.com.tw
QW-R502-002. D
BLOCK DIAGRAM OF APPLICATION CIRCUIT (2)
1
2
3
4
5
6
7
14
13
12
11
10
9
RIGHTB
OFF
LEFTB
OSCI
TESTB
GND
OSCO
BACK
PC
FOR
VDD
TURBOB
SO
SC
8
2.5~5.0V
POWER
OFF
RF
TRANSMITTER
UTC RCT02
Note: 1.The power supply for above circuit should be 2.5V ~ 5.0V.
2. This circuit is for wireless application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com