Electronic Components Datasheet Search
  English  ▼

X  

BL8095 Datasheet(PDF) 6 Page - SHANGHAI BELLING CO., LTD.

Part # BL8095
Description  24V-1.2A Asynchronous Buck Converter in SOT23-6
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8095 Datasheet(HTML) 6 Page - SHANGHAI BELLING CO., LTD.

  BL8095 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8095 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8095 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8095 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8095 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8095 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.belling.com.cn
6
BL8095
RDSONs of the MOSFETs and parasitic capacitances. At light load, this loss is prominent and efficiency is therefore very
low. BL8095 employs a proprietary control scheme that improves efficiency in this situation by enabling the device into a
power save mode during light load, thereby extending the range of high efficiency operation.
COMPONENT SELECTRION
When setting up the BL8095 for different output voltage, please use following recommended component value for the
best performance.
VOUT (V)
COUT (F)
L (H)
5
22
6.8 - 10
3.3
22
4.7 - 10
2.5
22
3.3 - 10
THERMAL CONSIDERATION
BL8095 is high efficiency Buck converter, which means it consumes very few power when converting the high voltage to
low voltage. However, when output power is very large, like 5V/1.2A, the output power is as high as 6W, a heat
dissipation path is strongly recommended to be routed on PCB. BL8095 is in SOT23-6 package. The heat is conducted out
via Pin 2 (GND), so the heat dissipation route on PCB should be connected to the Pin 2 of the chip.
PACKAGE OUTLINE
Package
SOT23-6
Devices per reel
3000
Unit
mm
Package specification:



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com