Electronic Components Datasheet Search
  English  ▼

X  

MBRF1080 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MBRF1080
Description  10 Amp Schottky Barrier Rectifier 20 to 100 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBRF1080 Datasheet(HTML) 2 Page - Micro Commercial Components

  MBRF1080 Datasheet HTML 1Page - Micro Commercial Components MBRF1080 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MBRF1020 thru MBRF10100
www.mccsemi.com
MCC
10
8
6
4
2
0
0
50
100
150
CASE TEMPERATURE, ¢J
40
20
10
8
6
4
2
1.0
.8
. .6
.4
.2
.1
.4
.5
.6
.7
.8
9
1.0
1.1
50. 60V
20. 30. 40V
TJ = 25 ¢J
PULSE WIDTH = 200
£gs
80. 100V
INSTANTANEOUS FORWARD CHARACTERISTIC
Fig. 1-FORWARD CURRENT DERATING CURVE
Fig. 2-TYPICAL INSTNATANEOUS FORWARD
CHARACTERISTIC
100
10
1.0
.1
.01
0
100
200
300
TC = 100 ¢J
T
C = 75 ¢J
T
C = 25 ¢J
150
130
110
90
70
50
30
20
10
1
2
5
10
20
50
100
8.3ms SINGLE HALF SINE
WAVE JEDEC METHOD
NO. OF CYCLES AT 60Hz
Fig. 3-TYPICAL REVERSE CHARACTERISTICS
Fig. 4-MAXIMUM NON-REPETITIVE SURGE CURRENT
400
350
300
250
200
150
1
2
5
20
50
100
200
500
TJ = 25 ¢J
REVERSE VOLTAGE, VOLTS
Fig. 5-TYPICAL JUNCTION CAPACITANCE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com