Electronic Components Datasheet Search
  English  ▼

X  

MBRX160 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MBRX160
Description  1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBRX160 Datasheet(HTML) 1 Page - Micro Commercial Components

  MBRX160 Datasheet HTML 1Page - Micro Commercial Components MBRX160 Datasheet HTML 2Page - Micro Commercial Components MBRX160 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.140
.152
3.55
3.85
B
.100
.112
2.55
2.85
C
.055
.071
1.40
1.80
D
-----
.053
-----
1.35
E
.012
.031
0.30
.78
G
.006
-----
0.15
-----
H
-----
.01
-----
.25
J
-----
.006
-----
.15
Features
l
High Current Capability
l
Extremely Low Thermal Resistance
l
For Surface Mount Application
l
Higher Temp Soldering: 250
oC for 10 Seconds At Terminals
l
Low Forward Voltage
Maximum Ratings
l
Operating Temperature: -55
oC to +125oC
l
Storage Temperature: -55
oC to +150oC
l
Maximum Thermal Resistance: 5
oC/W Junction to Lead
MBRX120
X2
20V
14V
20V
MBRX130
X3
30V
21V
30V
MBRX140
X4
40V
28V
40V
MBRX160
X6
60V
42V
60V
MBRX180
X8
80V
56V
80V
MBRX1100
XA
100V
70V
100V
Maximum
DC
Blocking
Voltage
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Electrical Characteristics @ 25oC Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TJ=90
oC
Peak Forward
Surge Current
IFSM
20A
8.3ms half sine
Maximum
Instantaneous
Forward Voltage
MBRX120
MBRX130
MBRX140
MBRX160
MBRX180-1100
V F
0.50V
0.55V
0.55V
0.72V
0.85V
IFM=1.0A
TA=25
oC
Maximum DC
Reverse Current
At Rated DC
Blocking Voltage
IR
0.3mA
TJ=25
oC
Typical Junction
Capacitance
CJ
30pF
Measured at
1.0MHz,
VR=4.0V
MBRX120
THRU
MBRX1100
1.0 Amp
Schottky Barrier
Rectifier
20 to 100 Volts
A
B
E
C
J
D
H
G
SOD123
0.036”
0.093"
0.048”
SUGGESTED SOLDER
PAD LAYOUT
www.mccsemi.com
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC
Version: 3
2002/12/27


Similar Part No. - MBRX160

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRX160 MCC-MBRX160 Datasheet
335Kb / 6P
1.0 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
Galaxy Semi-Conductor H...
MBRX160 BILIN-MBRX160 Datasheet
225Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
MBRX160 LUGUANG-MBRX160 Datasheet
251Kb / 2P
Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Taychipst Elec...
MBRX160 TAYCHIPST-MBRX160 Datasheet
2Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
MBRX160 MCC-MBRX160 Datasheet
326Kb / 7P
1.0 Amp Schottky Barrier Rectifier 20 to 60 Volts
More results

Similar Description - MBRX160

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSH1-20 CENTRAL-CMSH1-20 Datasheet
310Kb / 2P
SCHOTTKY BARRIER RECTIFIER 1.0 AMP, 20 THRU 100 VOLTS
CMSH1-20M CENTRAL-CMSH1-20M Datasheet
121Kb / 2P
SCHOTTKY BARRIER RECTIFIER 1.0 AMP, 20 THRU 100 VOLTS
logo
Micro Commercial Compon...
1S20 MCC-1S20 Datasheet
86Kb / 3P
1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
1N17 MCC-1N17_11 Datasheet
679Kb / 3P
1.0 Amp Schottky Barrier Rectifier 20 to 40 Volts
RB491D MCC-RB491D_06 Datasheet
868Kb / 4P
1.0 Amp Schottky Barrier Rectifier 20 Volts
RB491DS MCC-RB491DS Datasheet
216Kb / 3P
1.0 Amp Schottky Barrier Rectifier 20 Volts
MBRX120 MCC-MBRX120_11 Datasheet
335Kb / 6P
1.0 Amp Schottky Barrier Rectifier 20 to 60 Volts
1S20 MCC-1S20_11 Datasheet
448Kb / 4P
1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRX120 MCC-MBRX120_15 Datasheet
483Kb / 6P
1.0 Amp Schottky Barrier Rectifier 20 to 60 Volts
RB491DS MCC-RB491DS_13 Datasheet
253Kb / 3P
1.0 Amp Schottky Barrier Rectifier 20 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com