Electronic Components Datasheet Search
  English  ▼

X  

MMBD1501 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MMBD1501
Description  High Conductance Low Leakage Diode 350mW
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBD1501 Datasheet(HTML) 1 Page - Micro Commercial Components

  MMBD1501 Datasheet HTML 1Page - Micro Commercial Components MMBD1501 Datasheet HTML 2Page - Micro Commercial Components MMBD1501 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
l Low Leakage
l Surface Mount Package Ideally Suited for Automatic Insertion
l 150
oC Junction Temperature
l High Conductance
Mechanical Data
l Case: SOT-23, Molded Plastic
l Terminals: Solderable per MIL-STD-202, Method 208
l Polarity: See Diagram
l Weight: 0.008 grams ( approx.)
Maximum Ratings @ 25oC Unless Otherwise Specified
Characteristic
Symbol
Value
Unit
Working Inverse Voltage
VIV
180
V
DC Forward Current
IF
600
mA
Average Rectified Current
Io
200
mA
Recurrent Peak Forward Current
if
700
mA
Peak Forward Surge Current @
@t=1.0ms
if(surge)
1.0
2.0
A
Power Dissipation
Pd
350
mW
Thermal Resistance
R
357
o
C/W
Operation & Storage Temp. Range
Tj, TSTG
-55 to +150
o
C
Note: 1) These ratings are based on a max. junction temperature of 150 degrees C
2)
These are steady state limits. The factory should be consulted on applications
involving pulsed or low duty cycle operation
Electrical Characteristics @ 25oC Unless Otherwise Specified
Charateristic
Symbol
Min
Max
Unit
Test Cond.
Breakdown Voltage
BV
200
V
IR=5.0uA
Forward Voltage Drop
VF
620
720
800
0.83
0.87
0.9
750
850
950
1.1
1.3
1.5
mV
mV
mV
V
V
V
IF=1.0mA
IF=10mA
IF=50mA
IF=100mA
IF=200mA
IF=300mA
Reverse Current
IR
-----
1.0
3.0
10
5.0
nA
uA
nA
uA
VR=125V
VR=125V T A=150
o
C
VR=180V
VR=180V T A=150
o
C
Junction Capacitance
Cj
-----
4
pF
VR=0V, f=1.0MHz
MMBD1501(A)
THRU
MMBD1505(A)
High Conductance
Low Leakage Diode
350mW
t=1.0s
SOT-23
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
K
A
B
C
D
E
F
G
H
J
www.mccsemi.com
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - MMBD1501

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBD1501 FAIRCHILD-MMBD1501 Datasheet
88Kb / 4P
Small Signal Diodes
logo
Micro Commercial Compon...
MMBD1501 MCC-MMBD1501 Datasheet
217Kb / 4P
High Conductance Low Leakage Diode 350mW
logo
Guangdong Huixin Electr...
MMBD1501 HUIXIN-MMBD1501 Datasheet
319Kb / 4P
Silicon Epitaxial Planar Switching Diodes
logo
Jinan Gude Electronic D...
MMBD1501A JGD-MMBD1501A Datasheet
96Kb / 1P
SURFACE MOUNT SWITCHING DIODES
logo
Fairchild Semiconductor
MMBD1501A FAIRCHILD-MMBD1501A Datasheet
88Kb / 4P
Small Signal Diodes
More results

Similar Description - MMBD1501

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDLL485B FAIRCHILD-FDLL485B Datasheet
25Kb / 3P
High Conductance, Low Leakage Diode
FLLD261 FAIRCHILD-FLLD261 Datasheet
51Kb / 5P
HIGH CONDUCTANCE LOW LEAKAGE DIODE
FDLL3595 FAIRCHILD-FDLL3595 Datasheet
31Kb / 3P
High Conductance, Low Leakage Diode
logo
National Semiconductor ...
FDLL456 NSC-FDLL456 Datasheet
38Kb / 2P
High Conductance Low Leakage Diode
logo
Fairchild Semiconductor
FDLL300A FAIRCHILD-FDLL300A Datasheet
235Kb / 9P
High Conductance Low Leakage Diode
logo
Guangdong Kexin Industr...
MMBD1701A KEXIN-MMBD1701A Datasheet
41Kb / 2P
High Conductance Low Leakage Diode
logo
Micro Commercial Compon...
MMBD1501 MCC-MMBD1501_11 Datasheet
217Kb / 4P
High Conductance Low Leakage Diode 350mW
logo
Diode Semiconductor Kor...
MMBD1501A DSK-MMBD1501A Datasheet
329Kb / 4P
High conductance low leakage diode
logo
Micro Commercial Compon...
MMBD1501 MCC-MMBD1501_13 Datasheet
271Kb / 4P
High Conductance Low Leakage Diode 350mW
logo
Galaxy Semi-Conductor H...
MMBD1501A BILIN-MMBD1501A_17 Datasheet
172Kb / 4P
High conductance low leakage diode
Rev.A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com