Electronic Components Datasheet Search
  English  ▼

X  

MJ431 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MJ431
Description  10 Amp NPN Silicon Power Transistors 125W
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MJ431 Datasheet(HTML) 1 Page - Micro Commercial Components

  MJ431 Datasheet HTML 1Page - Micro Commercial Components MJ431 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MJ413
MJ423
MJ431

10 Amp
NPN Silicon
Power Transistors
125W
)HDWXUHV
•
High Collector-Emitter Voltage VCES=400V
•
DC Current Gain Specified 3.5A
•
High Frequency Response to 2.5 MHz
0D[LPXP5DWLQJV
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
•
Maximum Thermal Resistance: 1.0
:/W junction to case
Characteristic
Symbol
Max
Unit
Collector-Emitter Voltage
VCEX
400
Vdc
Collector-Base Voltage
VCB
400
Vdc
Emitter-Base Voltage
VEB
5.0
Vdc
Collector Current-Continuous
IC
10
Adc
Base Current
IB
2.0
Adc
Total Device Dissipation @TC=25
:
Derate above 25
:
PD
125
1.0
Watts
W/
:
TO-3
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
1.550
REF
39.37
REF
B
-----
1.050
-----
26.67
C
.250
.335
6.35
8.51
D
.038
.043
0.97
1.09
E
0.55
0.70
1.40
1.77
G
.430
BSC
10.92
BSC
H
.215
BSC
5.46
BSC
K
.440
.480
11.18
12.19
L
.665
BSC
16.89
BSC
N
-----
.830
-----
21.08
Q
.151
.165
3.84
4.19
∅
U
1.187
BSC
30.15
BSC
V
.131
.188
3.33
4.77
A
N
E
D
C
K
PIN 1.
BASE
PIN 2.
EMITTER
CASE.
COLLECTOR
Power Dissipation (W) - Versus - Temperature
°C
Figure 1 - Power Derating Curve
Temperature
°C
0
50
100
150
www.mccsemi.com
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC
H
V
U
L
G
B
Q
1
2


Similar Part No. - MJ431

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MJ431 NJSEMI-MJ431 Datasheet
83Kb / 2P
10 Amp NPN Silicon Power Transistors 125W
logo
Inchange Semiconductor ...
MJ431 ISC-MJ431 Datasheet
142Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - MJ431

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6544 MOSPEC-2N6544 Datasheet
217Kb / 4P
POWER TRANSISTORS(8A,125W)
BD249 MOSPEC-BD249 Datasheet
131Kb / 3P
POWER TRANSISTORS(25A,125W)
BDV64 MOSPEC-BDV64 Datasheet
170Kb / 4P
POWER TRANSISTORS(12A,125W)
BU508 MOSPEC-BU508 Datasheet
162Kb / 4P
POWER TRANSISTORS(5A,1500V,125W)
BU826 MOSPEC-BU826 Datasheet
75Kb / 2P
POWER TRANSISTORS(6A,375V,125W)
logo
Motorola, Inc
MJ413 MOTOROLA-MJ413 Datasheet
134Kb / 4P
10 AMPERE POWER TRANSISTORS NPN SILICON
logo
Rohm
2SC1652 ROHM-2SC1652 Datasheet
311Kb / 4P
Medium Power Amp. Epitaxial Planar NPN Silicon Transistors
logo
Solid States Devices, I...
SPT4624 SSDI-SPT4624 Datasheet
174Kb / 2P
10 AMP NPN HIGH VOLTAGE POWER SWITCHING TRANSISTORS
logo
New Jersey Semi-Conduct...
MJ431 NJSEMI-MJ431 Datasheet
83Kb / 2P
10 Amp NPN Silicon Power Transistors 125W
SDT7601 NJSEMI-SDT7601 Datasheet
81Kb / 1P
10 AMP SILICON PLANAR NPN POWER TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com