Electronic Components Datasheet Search
  English  ▼

X  

MMBD6050 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MMBD6050
Description  Small-Signal Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBD6050 Datasheet(HTML) 1 Page - Micro Commercial Components

  MMBD6050 Datasheet HTML 1Page - Micro Commercial Components MMBD6050 Datasheet HTML 2Page - Micro Commercial Components MMBD6050 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


 

Features
•
  
•

•
 !"# 
•
$ %&'!
Maximum Ratings@ TC=25°C Unless Otherwise Specified
•
 "  &''°()'*°
•
 "  &''°()'*°
Electrical Characteristics @ 25°C Unless Otherwise Specified

    
+, - %.

.
/*

.
  . 

.
*0''
*01'
*0/
)0)
.
+, % 

#

*0)
2!
+, +, "



3



0'

 &  
 




+, .
.
/*
.
   
#**
"!
%    
#'**
"!
$0  
+'-    !" #$% 

'
)01
"4
"45
$0  
!"6  !" #$% 

**
03
"4
"45
 "+
7!"6
+
''8
3)/
54
www.mccsemi.com
Suggested Solder Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
K
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - MMBD6050

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
MMBD6050 ZOWIE-MMBD6050 Datasheet
49Kb / 2P
SWITCHING DIODE
logo
Won-Top Electronics
MMBD6050 WTE-MMBD6050 Datasheet
40Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Pan Jit International I...
MMBD6050 PANJIT-MMBD6050 Datasheet
472Kb / 4P
SURFACE MOUNT SWITCHING DIODES
logo
SEMTECH ELECTRONICS LTD...
MMBD6050 SEMTECH_ELEC-MMBD6050 Datasheet
144Kb / 2P
SILICON EPITAXIAL PLANAR SWITCHING DIODE
logo
Shenzhen Luguang Electr...
MMBD6050 LUGUANG-MMBD6050 Datasheet
206Kb / 2P
Surface Mount Switching Diode
More results

Similar Description - MMBD6050

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N4148 CHENYI-1N4148 Datasheet
188Kb / 3P
SMALL SIGNAL SWITCHING DIODE
1N914THRU1N4454 CHENYI-1N914THRU1N4454 Datasheet
47Kb / 1P
SMALL SIGNAL SWITCHING DIODE
logo
Leshan Radio Company
LSD2004LT1 LRC-LSD2004LT1 Datasheet
39Kb / 2P
Small-Signal Switching Diode
logo
Comchip Technology
CDSV6-99SD-G COMCHIP-CDSV6-99SD-G Datasheet
508Kb / 2P
Small-Signal Switching Diode
logo
Galaxy Semi-Conductor H...
BAV17 BILIN-BAV17 Datasheet
101Kb / 2P
SMALL SIGNAL SWITCHING DIODE
1SS141 BILIN-1SS141 Datasheet
54Kb / 1P
SMALL SIGNAL SWITCHING DIODE
LL4151 BILIN-LL4151 Datasheet
121Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
1N4150W-V VISHAY-1N4150W-V Datasheet
122Kb / 4P
Small Signal Switching Diode
21-Jul-05
BA604 VISHAY-BA604_08 Datasheet
224Kb / 4P
Small Signal Switching Diode
26-Jul-06
logo
Kwang Myoung I.S. CO.,L...
1SS244 KISEMICONDUCTOR-1SS244 Datasheet
98Kb / 2P
SMALL SIGNAL SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com