Electronic Components Datasheet Search
  English  ▼

X  

MMBD914 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MMBD914
Description  350mW 100 Volt Silicon Epitaxial Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBD914 Datasheet(HTML) 1 Page - Micro Commercial Components

  MMBD914 Datasheet HTML 1Page - Micro Commercial Components MMBD914 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMBD914
350mW 100 Volt
Silicon Epitaxial Diode
SOT-23
Suggested Solder
Pad Layout
Features
•
Low Current Leakage
•
Low Cost
•
Small Outline Surface Mount Package
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
•
Maximum Thermal Resistance; 357K/W Junction To Ambient
Electrical Characteristics @ 25°C Unless Otherwise Specified
Reverse Voltage
VR
75V
Peak Reverse
Voltage
VRM
100V
Average Rectified
Current
IO
150mA
Resistive Load
f > 50Hz
Power Dissipation
PTOT
350mW
Junction
Temperature
TJ
175
°C
Peak Forward Surge
Current
IFSM
1.0A
t=1s,Non-Repetitive
Maximum
Instantaneous
Forward Voltage
VF
.855V
IFM = 10mA;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
25nA
TJ = 25
°C
VR =20Volts
Typical Junction
Capacitance
CJ
2pF
Measured at
1.0MHz, VR=0V
Reverse Recovery
Time
Trr
4nS
IF=10mA
VR = 6V
RL=100
Ω
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
A
B
C
D
E
F
G
H
J
5 D
C
A
Pin Configuration
Top View
www.mccsemi.com
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - MMBD914

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBD914 TRSYS-MMBD914 Datasheet
113Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMBD914 ZOWIE-MMBD914 Datasheet
49Kb / 2P
HIGH-SPEED SWITCHING DIODE
logo
Jinan Gude Electronic D...
MMBD914 JGD-MMBD914 Datasheet
96Kb / 1P
SURFACE MOUNT SWITCHING DIODES
logo
Fairchild Semiconductor
MMBD914 FAIRCHILD-MMBD914 Datasheet
34Kb / 2P
High Conductance Ultra Fast Diode
logo
Diodes Incorporated
MMBD914 DIODES-MMBD914 Datasheet
75Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12003 Rev. 12 - 2
More results

Similar Description - MMBD914

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N4148 MCC-1N4148 Datasheet
78Kb / 3P
500mW 100 Volt Silicon Epitaxial Diode
MMBD4148 MCC-MMBD4148 Datasheet
88Kb / 3P
350mW 100 Volt Silicon Epitaxial Diode
logo
Shanghai Lunsure Electr...
MMBD914 CHENYI-MMBD914 Datasheet
49Kb / 2P
350mW 100volts silicon epitaxial diode
MMBD4148 CHENYI-MMBD4148 Datasheet
59Kb / 3P
350mW 100volt silicon epitaxial diode
logo
Micro Commercial Compon...
MMBD914 MCC-MMBD914_11 Datasheet
172Kb / 3P
350mW 100 Volt Silicon Epitaxial Diode
MMBD4148 MCC-MMBD4148_11 Datasheet
162Kb / 4P
350mW 100 Volt Silicon Epitaxial Diode
MMBD4148-TP MCC-MMBD4148-TP Datasheet
198Kb / 4P
350mW 100 Volt Silicon Epitaxial Diode
MCL4448 MCC-MCL4448 Datasheet
669Kb / 4P
500mW 100 Volt Silicon Epitaxial Diode
MMBD914 MCC-MMBD914_13 Datasheet
200Kb / 3P
350mW 100 Volt Silicon Epitaxial Diode
MMBD4148 MCC-MMBD4148_13 Datasheet
198Kb / 4P
350mW 100 Volt Silicon Epitaxial Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com