| Electronic Components Datasheet Search |
|
EL7156CSZ Datasheet(PDF) 2 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
EL7156CSZ Datasheet(HTML) 2 Page - Intersil Corporation |
|
2 / 11 page ![]() 2 FN7280.4 September 1, 2015 Absolute Maximum Ratings (TA = +25°C) Thermal Information Supply Voltage (VS+ to VS-) . . . . . . . . . . . . . . . . . . . . . . . . . . .+18V Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . VS- -0.3V, VS +0.3V Continuous Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . 200mA Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125°C Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see curves Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp *Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications. CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA Electrical Specifications VS+ = +15V, VH = +15V, VL = 0V, VS- = 0V, TA = +25°C, unless otherwise specified. PARAMETER DESCRIPTION CONDITION MIN TYP MAX UNIT INPUT VIH Logic ‘1’ Input Voltage 2.4 V IIH Logic ‘1’ Input Current VIH = VS+0.1 10 µA VIL Logic ‘0’ Input Voltage 0.8 V IIL Logic ‘0’ Input Current VIL = 0V 0.1 10 µA CIN Input Capacitance 3.5 pF RIN Input Resistance 50 M Ω OUTPUT ROVH ON-Resistance VH to OUT IOUT = -200 mA 2.7 4.5 Ω ROVL ON-Resistance VL to OUT IOUT = +200 mA 3.5 5.5 Ω IOUT Output Leakage Current OE = 0V, OUT = VH/VL 0.1 10 µA IPK Peak Output Current (linear resistive operation) Source 3.5 A Sink 3.5 A IDC Continuous Output Current Source/Sink 200 mA POWER SUPPLY IS Power Supply Current Inputs = VS+1.3 3 mA IVH Off Leakage at VH and VL VH, VL = 0V 4 10 µA SWITCHING CHARACTERISTICS tR Rise Time CL = 2000pF 14.5 ns tF Fall Time CL = 2000pF 15 ns tRFΔ tR, tF Mismatch CL = 2000pF 0.5 ns td-1 Turn-Off Delay Time CL = 2000pF 9.5 ns td-2 Turn-On Delay Time CL = 2000pF 10 ns tdΔ td-1-td-2 Mismatch CL = 2000pF 0.5 ns td-3 Three-state Delay Enable 10 ns td-4 Three-state Delay Disable 10 ns EL7156 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |