Electronic Components Datasheet Search
  English  ▼

X  

MMBT3904 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # MMBT3904
Description  NPN General Purpose Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBT3904 Datasheet(HTML) 3 Page - Micro Commercial Components

  MMBT3904 Datasheet HTML 1Page - Micro Commercial Components MMBT3904 Datasheet HTML 2Page - Micro Commercial Components MMBT3904 Datasheet HTML 3Page - Micro Commercial Components MMBT3904 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MMBT3904
f - (kHz)
Maximum Power Dissipation vs
Ambient Temperature
Noise Figure vs
Source Resistance
PD(MAX) - (mW)
TA - (
°C)
TO-92
SOT-23
0
200
400
600
800
0
50
100
150
200
NF - (dB)
RS - (k
Ω)
0
2
4
6
8
10
12
0.1
1.0
10
100
IC = 1.0mA
IC = 100
µA
f = 1.0kHz
Contours of Constant Gain
Bandwidth Product (fT)
Current Gain
VCE - (V)
IC - (mA)
hfe
IC - (mA)
VCE = 10V
f = 1.0kHz
0
2
4
6
8
10
12
0.1
1.0
10
100
10
100
1000
0.1
1.0
10
Noise Figure vs
Frequency
Switching Times vs
Collector Current
NF - (dB)
T - (ns)
IC - (mA)
1.0
10
100
1000
1.0
10
100
IB1 = IB2 = IC/10
ts
tf
tr
VCE = 5.0V
IC = 0.5mA RS = 200
Ω
IC = 100
µA R
S = 500
Ω
IC = 50
µA R
S = 1.0k
Ω
0.1
1.0
10
100
0
1
2
3
4
5
6
*100MHz increments from
200 to 500MHz
MCC
www.mccsemi.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com