Electronic Components Datasheet Search
  English  ▼

X  

NJM3517 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM3517
Description  STEPPER MOTOR CONTROLLER / DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3517 Datasheet(HTML) 2 Page - New Japan Radio

  NJM3517 Datasheet HTML 1Page - New Japan Radio NJM3517 Datasheet HTML 2Page - New Japan Radio NJM3517 Datasheet HTML 3Page - New Japan Radio NJM3517 Datasheet HTML 4Page - New Japan Radio NJM3517 Datasheet HTML 5Page - New Japan Radio NJM3517 Datasheet HTML 6Page - New Japan Radio NJM3517 Datasheet HTML 7Page - New Japan Radio NJM3517 Datasheet HTML 8Page - New Japan Radio NJM3517 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NJM3517
B2
B1
GND
A1
A2
DIR
STEP
B
V
V
L
L
R
INH
HSM
Ø
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
P
P
P
P
A
C
A
B
SS
CC
Ø
B2
B1
GND
A1
A2
DIR
STEP
B
V
V
L
L
R
INH
HSM
Ø
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
P
P
P
P
A
C
A
B
SS
CC
Ø
NJM
3517D2
NJM
3517E2
s PIN CONFIGURATIONS
s PIN DESCRIPTION
DIP
EMP-pack.
Symbol
Description
11
P
B2
Phase output 2, phase B. Open collector output capable of sinking max 500 mA.
22
P
B1
Phase output 1, phase B. Open collector output capable of sinking max 500 mA.
3
3
GND
Ground and negative supply for both V
CC and VSS.
44
P
A1
Phase output 1, phase A.
55
P
A2
Phase output 2, phase A.
6
6
DIR
Direction input. Determines in which rotational direction steps will be taken.
7
7
STEP
Stepping pulse. One step is generated for each negative edge of the step signal.
8
8
ØB
Zero current half step position indication output for phase B.
9
9
ØA
Zero current half step position indication output for phase A.
10
10
HSM
Half-step mode. Determines whether the motor will be operated in half or full-step
mot. When pulled low, one step pulse will correspond to a half step of the motor.
11
11
INH
A high level on the inhibit input turns all phase output off.
12
12
RC
Bi-level pulse timing pin. Pulse time is approximately t
on = 0.55 • RT • CT
13
13
LA
Second level (bi-level) output, phase A.
14
14
LB
Second level (bi-level) output, Phase B.
15
15
V
SS
Second level supply voltage, +10 to +40 V.
16
16
V
CC
Logic supply voltage, nominally +5 V.
Fugure 2.Pin configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com