Electronic Components Datasheet Search
  English  ▼

X  

ISL6334DIRZ Datasheet(PDF) 13 Page - Intersil Corporation

Part # ISL6334DIRZ
Description  VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6334DIRZ Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ISL6334DIRZ Datasheet HTML 9Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 10Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 11Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 12Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 13Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 14Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 15Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 16Page - Intersil Corporation ISL6334DIRZ Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
FN6802.3
November 22, 2013
A simple R-C network across the inductor extracts the DCR
voltage, as shown in Figure 4.
The voltage on the capacitor VC, can be shown to be
proportional to the channel current IL (see Equation 5).
If the R-C network components are selected such that the
RC time constant (= R*C) matches the inductor time
constant (= L/DCR), the voltage across the capacitor VC is
equal to the voltage drop across the DCR, i.e., proportional
to the channel current.
With the internal low-offset current amplifier, the capacitor
voltage VC is replicated across the sense resistor RISEN.
Therefore, the current out of ISEN+ pin, ISEN, is proportional
to the inductor current.
Because of the internal filter at ISEN- pin, one capacitor, CT,
is needed to match the time delay between the ISEN- and
ISEN+ signals. Select the proper CT to keep the time
constant of RISEN and CT (RISEN x CT) close to 27ns.
Equation 6 shows that the ratio of the channel current to the
sensed current, ISEN, is driven by the value of the sense
resistor and the DCR of the inductor.
RESISTIVE SENSING
For accurate current sense, a dedicated current-sense resistor
RSENSE in series with each output inductor can serve as the
current sense element (see Figure 5). This technique is more
accurate, but reduces overall converter efficiency due to the
additional power loss on the current sense element RSENSE.
The same capacitor CT is needed to match the time delay
between ISEN- and ISEN+ signals. Select the proper CT to
keep the time constant of RISEN and CT (RISEN x CT) close to
27ns.
Equation 7 shows the ratio of the channel current to the
sensed current ISEN.
The inductor DCR value will increase as the temperature
increases. Therefore, the sensed current will increase as the
temperature of the current sense element increases. In order
to compensate the temperature effect on the sensed current
signal, a Positive Temperature Coefficient (PTC) resistor can
be selected for the sense resistor RISEN, or the integrated
temperature compensation function of ISL6334D should be
utilized. The integrated temperature compensation function is
described in “External Temperature Compensation” on
page 22.
Channel-Current Balance
The sensed current In from each active channel is summed
together and divided by the number of active channels. The
resulting average current IAVG provides a measure of the
total load current. Channel current balance is achieved by
comparing the sensed current of each channel to the
average current to make an appropriate adjustment to the
PWM duty cycle of each channel with Intersil’s patented
current-balance method.
Channel current balance is essential in achieving the
thermal advantage of multiphase operation. With good
current balance, the power loss is equally dissipated over
multiple devices and a greater area.
Voltage Regulation
The compensation network shown in Figure 6 assures that
the steady-state error in the output voltage is limited only to
FIGURE 4. DCR SENSING CONFIGURATION
In
I
SEN
I
L
DCR
R
ISEN
-------------------
=
-
+
ISEN-(n)
CURRENT
SENSE
VIN
ISEN+(n)
PWM(n)
ISL6596
RISEN(n)
DCR
L
INDUCTOR
R
VOUT
COUT
VC(s)
C
I
L
s
()
VL
CT
ISL6334D INTERNAL CIRCUIT
V
C s
()
s
L
DCR
-------------
⋅
1
+
⎝⎠
⎛⎞
DCR I
L
⋅
()
⋅
sRC
1
+
⋅
()
---------------------------------------------------------------------
=
(EQ. 5)
I
SEN
I
L
DCR
R
ISEN
------------------
⋅
=
(EQ. 6)
I
SEN
I
L
R
SENSE
R
ISEN
-----------------------
⋅
=
(EQ. 7)
FIGURE 5. SENSE RESISTOR IN SERIES WITH INDUCTORS
In
I
SEN
I
L
R
SENSE
R
ISEN
--------------------------
=
-
+
ISEN-(n)
CURRENT
SENSE
ISEN+(n)
RISEN(n)
RSENSE
L
VOUT
COUT
I
L
CT
ISL6334D INTERNAL CIRCUIT
ISL6334D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com