Electronic Components Datasheet Search
  English  ▼

X  

ISL6336DIRZ Datasheet(PDF) 21 Page - Intersil Corporation

Part # ISL6336DIRZ
Description  VR11.1, 6-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6336DIRZ Datasheet(HTML) 21 Page - Intersil Corporation

Back Button ISL6336DIRZ Datasheet HTML 17Page - Intersil Corporation ISL6336DIRZ Datasheet HTML 18Page - Intersil Corporation ISL6336DIRZ Datasheet HTML 19Page - Intersil Corporation ISL6336DIRZ Datasheet HTML 20Page - Intersil Corporation ISL6336DIRZ Datasheet HTML 21Page - Intersil Corporation ISL6336DIRZ Datasheet HTML 22Page - Intersil Corporation ISL6336DIRZ Datasheet HTML 23Page - Intersil Corporation ISL6336DIRZ Datasheet HTML 24Page - Intersil Corporation ISL6336DIRZ Datasheet HTML 25Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
ISL6336D
21
FN8320.0
October 6, 2014
Submit Document Feedback
The soft-start time is the sum of the 4 periods, as shown in
Equation 13.
tD1 is a fixed delay with the typical value as 1.36ms. tD3 is
determined by the fixed 85µs plus the time to obtain valid VID
voltage. If the VID is valid before the output reaches the 1.1V, the
minimum time to validate the VID input is 500ns. Therefore, the
minimum tD3 is about 86µs.
During tD2 and tD4, ISL6336D digitally controls the DAC voltage
change at 6.25mV per step. The time for each step is determined
by the frequency of the soft-start oscillator, which is defined by
the resistor RSS from SS pin to GND. The second soft-start ramp
time tD2 and tD4 can be calculated based on Equations 14
and 15:
For example, when VID is set to 1.5V and RSS is set at 100kΩ, the
first soft-start ramp time tD2 will be 704µs and the second soft-
start ramp time tD4 will be 256µs.
After the DAC voltage reaches the final VID setting, VR_RDY will
be set to high with the fixed delay tD5. The typical value for tD5 is
85µs. Before the VR_RDY is released, the controller disregards
the PSI# input and always operates in normal CCM PWM mode.
Current Sense Output
The current flowing out of the IMON pin is equal to the sensed
average current inside ISL6336D. In typical applications, a
resistor is placed from the IMON pin to GND to generate a
voltage, which is proportional to the load current and the resistor
value, as shown in Equation 16:
where VIMON is the voltage at the IMON pin, RIOUT is the resistor
between the IMON pin and GND, ILOAD is the total output current
of the converter, RISEN is the sense resistor connected to the
ISEN+ pin, N is the active channel number, and RX is the DC
resistance of the current sense element, either the DCR of the
inductor or RSENSE depending on the sensing method.
The resistor from the IMON pin to GND should be chosen to
ensure that the voltage at the IMON pin is less than 1.11V under
the maximum load current. If the IMON pin voltage is higher than
1.11V, overcurrent shutdown will be triggered, as described in
“Overcurrent Protection” on page 22.
A small capacitor can be placed between the IMON pin and GND
to reduce the noise impact. If this pin is not used, tie it to GND.
Fault Monitoring and Protection
The ISL6336D actively monitors output voltage and current to
detect fault conditions. Fault monitors trigger protective
measures to prevent damage to a microprocessor load. One
common power-good indicator is provided for linking to external
system monitors. The schematic in Figure 15 outlines the
interaction between the fault monitors and the VR_RDY signal.
VR_RDY Signal
The VR_RDY pin is an open-drain logic output which indicates
that the soft-start period is complete and the output voltage is
within the regulated range. VR_RDY is pulled low during
shutdown and releases high after a successful soft-start and a
fixed delay tD5. VR_RDY will be pulled low when an undervoltage
or overvoltage condition is detected, or the controller is disabled
by a reset from EN_PWR, EN_VTT, POR, or VID OFF-code.
Undervoltage Detection
The undervoltage threshold is set at 50% of the VID code. When
the output voltage at VSEN is below the undervoltage threshold,
VR_RDY is pulled low.
Overvoltage Protection
Regardless of the VR being enabled or not, the ISL6336D
overvoltage protection (OVP) circuit will be active after its POR.
The OVP thresholds are different under different operation
conditions. When VR is not enabled and during the soft-start
intervals tD1, tD2 and tD3, the OVP threshold is 1.273V. Once the
controller detects valid VID input, the OVP trip point will be
changed to DAC plus 175mV.
Two actions are taken by ISL6336D to protect the
microprocessor load when an overvoltage condition occurs.
At the inception of an overvoltage event, all PWM outputs are
commanded low instantly (less than 20ns). This causes the
Intersil drivers to turn on the lower MOSFETs and pull the output
voltage below a level to avoid damaging the load. When the
VDIFF voltage falls below the DAC plus 75mV, PWM signals enter
a high-impedance state. The Intersil drivers respond to the
high-impedance input by turning off both upper and lower
MOSFETs. If the overvoltage condition reoccurs, ISL6336D will
again command the lower MOSFETs to turn on. The ISL6336D
will continue to protect the load in this fashion as long as the
overvoltage condition occurs.
Once an overvoltage condition is detected, normal PWM
operation ceases until ISL6336D is reset. Cycling the voltage on
EN_PWR, EN_VTT or VCC below the POR-falling threshold will
t
SS
t
D1
t
D2
t
D3
t
D4
++
+
=
(EQ. 13)
t
D2
1.1xR
SS
6.25x25
------------------------
s

=
(EQ. 14)
t
D4
V
VID
1.1
–
xR
SS
6.25x25
------------------------------------------------
s

=
(EQ. 15)
FIGURE 14. SOFT-START WAVEFORMS
VOUT, 500mV/DIV
EN_VTT
500µs/DIV
tD3 tD4 tD5
VR_RDY
tD1
tD2
V
IMON
R
IOUT
N
-------------------
R
X
R
ISEN
------------------I
LOAD
=
(EQ. 16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com