Electronic Components Datasheet Search
  English  ▼

X  

LPC2292 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LPC2292
Description  16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2292 Datasheet(HTML) 2 Page - NXP Semiconductors

  LPC2292_15 Datasheet HTML 1Page - NXP Semiconductors LPC2292_15 Datasheet HTML 2Page - NXP Semiconductors LPC2292_15 Datasheet HTML 3Page - NXP Semiconductors LPC2292_15 Datasheet HTML 4Page - NXP Semiconductors LPC2292_15 Datasheet HTML 5Page - NXP Semiconductors LPC2292_15 Datasheet HTML 6Page - NXP Semiconductors LPC2292_15 Datasheet HTML 7Page - NXP Semiconductors LPC2292_15 Datasheet HTML 8Page - NXP Semiconductors LPC2292_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
LPC2292_2294
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 8 June 2011
2 of 54
NXP Semiconductors
LPC2292/2294
16/32-bit ARM microcontrollers with external memory interface
16 kB on-chip static RAM and 256 kB on-chip flash program memory. 128-bit wide
interface/accelerator enables high-speed 60 MHz operation.
In-System Programming/In-Application Programming (ISP/IAP) via on-chip bootloader
software. Single flash sector or full chip erase in 400 ms and programming of 256 B in
1 ms.
EmbeddedICE-RT and Embedded Trace interfaces offer real-time debugging with the
on-chip RealMonitor software as well as high-speed real-time tracing of instruction
execution.
Two/four (LPC2292/2294) interconnected CAN interfaces with advanced acceptance
filters. Additional serial interfaces include two UARTs (16C550), Fast I2C-bus
(400 kbit/s) and two SPIs.
Eight channel 10-bit ADC with conversion time as low as 2.44
s.
Two 32-bit timers (with four capture and four compare channels), PWM unit (six
outputs), Real-Time Clock (RTC), and watchdog.
Vectored Interrupt Controller (VIC) with configurable priorities and vector addresses.
Configurable external memory interface with up to four banks, each up to 16 MB and
8/16/32-bit data width.
Up to 112 general purpose I/O pins (5 V tolerant). Up to nine edge/level sensitive
external interrupt pins available.
60 MHz maximum CPU clock available from programmable on-chip PLL with settling
time of 100
s.
The on-chip crystal oscillator should have an operating range of 1 MHz to 25 MHz.
Power saving modes include Idle and Power-down.
Processor wake-up from Power-down mode via external interrupt.
Individual enable/disable of peripheral functions for power optimization.
Dual power supply:
CPU operating voltage range of 1.65 V to 1.95 V (1.8 V
 0.15 V).
I/O power supply range of 3.0 V to 3.6 V (3.3 V
 10 %) with 5 V tolerant I/O pads.
3.
Ordering information
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC2292FBD144/01
LQFP144
plastic low profile quad flat package;
144 leads; body 20
 20  1.4 mm
SOT486-1
LPC2292FET144/00
TFBGA144
plastic thin fine-pitch ball grid array package;
144 balls; body 12
 12  0.8 mm
SOT569-2
LPC2292FET144/01
TFBGA144
plastic thin fine-pitch ball grid array package;
144 balls; body 12
 12  0.8 mm
SOT569-2
LPC2292FET144/G
TFBGA144
plastic thin fine-pitch ball grid array package;
144 balls; body 12
 12  0.8 mm
SOT569-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com