Electronic Components Datasheet Search
  English  ▼

X  

MUR810 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MUR810
Description  8 Amp S uper Fast Glass Passivated R ec tif ie r 50 to 400 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MUR810 Datasheet(HTML) 2 Page - Micro Commercial Components

  MUR810 Datasheet HTML 1Page - Micro Commercial Components MUR810 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MUR805 thru MUR840
www.mccsemi.com
MCC
20
16
12
8
4
0
0
50
100
150
CASE TEMPERATURE, ¢J
Fig. 1-TYPICAL FORWARD CURRENT DERATING
CURVE
1000
100
10
1.0
0.1
20
40
60
80
100
120
140
TJ = 125 ¢J
TJ = 25 ¢J
PERCENT OF RATED PEAK REVERSE VOLTAGE
Fig. 2-TYPICAL REVERSE CHARACTERISTICS
125
100
75
50
25
1
2
5
10
20
50
100
TJ = 125 ¢J
8.3ms SINGLE HALF SINCE-
WAVE JEDEC METHOD
NUMBER OF CYCLES AT 60Hz
Fig. 3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
210
200
160
120
80
40
0
1
2
5
20
50
100
200
500
MUR805
REVERSE VOLTAGE, VOLTS
80
40
20
10
3.0
1.0
0.3
0.1
0.03
0.01
0.4
0.6
0.8
1.0
1.2
1.4
1.8
MUR805
FORWARD VOLTAGE, VOLTS
Fig. 4-TYPICAL JUNCTION CAPACITANCE
Fig. 5-TYPICAL FORWARD CURRENT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com