Electronic Components Datasheet Search
  English  ▼

X  

NJM3545TA2 Datasheet(PDF) 9 Page - New Japan Radio

Part # NJM3545TA2
Description  UNIVERSAL SINK DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3545TA2 Datasheet(HTML) 9 Page - New Japan Radio

  NJM3545TA2 Datasheet HTML 1Page - New Japan Radio NJM3545TA2 Datasheet HTML 2Page - New Japan Radio NJM3545TA2 Datasheet HTML 3Page - New Japan Radio NJM3545TA2 Datasheet HTML 4Page - New Japan Radio NJM3545TA2 Datasheet HTML 5Page - New Japan Radio NJM3545TA2 Datasheet HTML 6Page - New Japan Radio NJM3545TA2 Datasheet HTML 7Page - New Japan Radio NJM3545TA2 Datasheet HTML 8Page - New Japan Radio NJM3545TA2 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
NJM3545
s TYPICAL CHARACTERISTICS
Figure 13. Current consumption vs.
supply voltage at 0 V
≤ V
in ≤ 0.8 V
(Inactive output)
Figure 15. Input current vs. input
voltage
5 V
≤ V
CC ≤ 40 V
Figure 14. Diode forward voltage drop
vs. forward current
Figure 17. Output saturation voltage vs.
output current. 5 V < V
CC < 40 V
Figure 16. Error output saturation
voltage vs. error current. V
CC = 24 V
Figure 18. Output leakage current vs
supply voltage. 0 V
≤ V
IN ≤ 0.8 V
Output = 0 V
Figure 19. Power dissipation vs. output
current
Figure 20. Typical output current shut-down vs. chip temperature. 5 V
≤ V
CC ≤ 40 V
010
20
30
40
50
Vcc (V)
0
2
4
6
8
10
Icc (mA)
-40
°C < T
J < 100°C
0
0.4
0.8
1.2
1.6
2.0
VF (V)
0
0.4
0.8
1.2
1.6
2.0
IF (A)
TJ = 25°C
0
0.5
1.0
1.5
2.0
2.5
V
IN (V)
0
4
8
12
16
20
-40
°C < T
J < 100°C
I IN (µ A)
02
46
8
10
V
ERR (V)
0
4
8
12
16
20
IERR (mA)
TJ = 25°C
0.4
0.8
1.2
1.6
2.0
2.4
VCE SAT (V)
0
1
2
3
4
5
I
OUT(A)
=
TJ = 25°C
010
20
30
40
50
V
CC (V)
0
-4
-8
-12
-16
-20
-40
°C < T
J < 100°C
I
OL (µ A)
0
0.5
1.0
1.5
2.0
3.0
I
OUT (A)
0
1
2
3
4
6
PDIS (W)
2.5
5
-40
-20
0
20
40
60
T
J (°C)
0
1
2
3
4
5
I
OS (A)
80
100
120
The specifications on this databook are only
given for information , without any guarantee
as regards either mistakes or omissions. The
application circuits in this databook are
described only to show representative usages
of the product and not intended for the
guarantee or permission of any right including
the industrial rights.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com