Electronic Components Datasheet Search
  English  ▼

X  

MURHB810CT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MURHB810CT
Description  8 Amp Super Fast Recovery Rectifier 50 to 600 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MURHB810CT Datasheet(HTML) 1 Page - Micro Commercial Components

  MURHB810CT Datasheet HTML 1Page - Micro Commercial Components MURHB810CT Datasheet HTML 2Page - Micro Commercial Components MURHB810CT Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MURHB805CT
THRU
MURHB860CT
8 Amp
Super Fast
Recovery Rectifier
50 to 600 Volts
Features
•
High Current Capability
•
Low Reverse Leakage
•
Low Forward Voltage Drop
•
High Current Capability
•
Super Fast Switching Speed For High Efficiency
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
MCC
Catalog
Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MURHB805CT
50V
35V
50V
MURHB810CT
100V
70V
100V
MURHB820CT
200V
140V
200V
MURHB840CT
400V
280V
400V
MURHB860CT
600V
420V
600V
www.mccsemi.com
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
8 A
TC = 125
°C
Peak Forward Surge
Current
IFSM
55A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
805CT- 820CT
840CT
VF
1.25 V
1.5 V
IFM = 10A;
TA = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
50µA
TA = 25
°C
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 2%
Maximum Reverse
Recovery Time
805CT- 820CT
840CT
860CT
35ns
75ns
50ns
Trr
IF=0.5A, IR=1.0A,
Irr=0.25A
860CT
1.75 V
500µA
TA = 100
°C
K
J
I
H
F
D
C
A
G
E
B
PIN 1
PIN 2
K
HEATSINK
12
K
K
2
D PAK


INCHES
MM






A
.380
.421
9.65
10.69
B
.575
.625
14.60
15.88
C
.325
.364
8.25
9.25
D
.045
.055
1.14
1.40
E
.020
.045
0.51
1.14
F
.090
.110
2.29
2.79
G
.090
.110
2.29
2.79
H
.080
.115
2.03
2.92
I
.045
.055
1.14
1.40
J
.012
.025
0.30
0.64
K
.172
.190
4.37
4.83
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - MURHB810CT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
MURHB820 WTE-MURHB820 Datasheet
55Kb / 4P
8.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST RECTIFIER
March, 2014
MURHB820-T3 WTE-MURHB820-T3 Datasheet
55Kb / 4P
8.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST RECTIFIER
March, 2014
MURHB820CT WTE-MURHB820CT Datasheet
55Kb / 4P
8.0A SURFACE MOUNT GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
March, 2014
MURHB820CT-T3 WTE-MURHB820CT-T3 Datasheet
55Kb / 4P
8.0A SURFACE MOUNT GLASS PASSIVATED DUAL SUPERFAST RECTIFIER
March, 2014
MURHB830 WTE-MURHB830 Datasheet
55Kb / 4P
8.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST RECTIFIER
March, 2014
More results

Similar Description - MURHB810CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ER8A MCC-ER8A Datasheet
78Kb / 2P
8 Amp Super Fast Recovery Rectifier 50 to 600 Volts
MURB1605CT MCC-MURB1605CT Datasheet
105Kb / 3P
16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
MUR1605FCT MCC-MUR1605FCT Datasheet
78Kb / 3P
16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ER2A-L MCC-ER2A-L Datasheet
358Kb / 3P
2 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ER300 MCC-ER300_11 Datasheet
595Kb / 3P
3 Amp Super Fast Recovery Rectifier 50 to 600 Volts
logo
Kersemi Electronic Co.,...
MUR1610FCT KERSEMI-MUR1610FCT Datasheet
797Kb / 2P
16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
MUR1620FCT KERSEMI-MUR1620FCT Datasheet
797Kb / 2P
16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
logo
Micro Commercial Compon...
ER1A-L MCC-ER1A-L Datasheet
285Kb / 3P
1 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ER2A-L MCC-ER2A-L_18 Datasheet
357Kb / 3P
2 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ER300 MCC-ER300_13 Datasheet
622Kb / 3P
3 Amp Super Fast Recovery Rectifier 50 to 600 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com