Electronic Components Datasheet Search
  English  ▼

X  

ST711085 Datasheet(PDF) 1 Page - E-SWITCH

Part # ST711085
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST711085 Datasheet(HTML) 1 Page - E-SWITCH

  ST711085 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
700DP7B11M1QEH
2:1
5/10/2011
ST711085
B
BGL
1
1
PANEL MOUNTING
With Standard
Locking Ring
Without Locking
Ring
4
5
6
63
POS. 1
POS. 2
SWITCH FUNCTION
(ON)
ON
1-3, 4-6
1-2, 4-5
(ON)=MOMENTARY
A
19926
RELEASED FOR PRODUCTION
5/10/11
BGL
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CONTACT MATERIAL: SILVER
5. RATING: 1A @ 250 VAC
3A @ 120 VAC OR 28 VDC MAX.
6. ELECTRIC LIFE: 50,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
8. ACUATION FORCE: 300 ± 100gf
9. TRAVEL: 1.0 ± 0.2mm
10. CONTACT RESISTANCE: 20 mOHM MAX.
TYPICAL @ 2-4 VDC
11. DIELECTRIC STRENGTH: 1,000 V RMS @ SEA LEVEL.
12. OPERATING TEMP.: -30°C to 85°C
13.
DENOTES CRITICAL PARAMETER.
14. 2002/95/EC (ROHS) COMPLIANT.
15. HARDWARE TO BE SHIPPED BULK
T100000 - HEXNUT - QTY 2
T100011 - LOCKWASHER - QTY 1
T100002 - LOCKRING - QTY 1
n6.35
[.250 in]
n6.35
[.250 in]
n1.98
[.078 in]
5.95
[.234 in]
4.75
[.187 in]
5
CIRCUIT DIAGRAM
6
3
NC
1
COM.
4
2
NO
PUSH
12.70
[.500 in]
11.43
[.450 in]
5.72
[.225 in]FLAT
5.54
[.218 in]
6.35
[.250 in]
9.93
[.391 in]
1.02
[.040 in]
1.30
[.051 in]
.76
[.030 in]
4.70
[.185 in]
5.40
[.213 in]
n3.10
[.122 in]
4.83
[.190 in]
2.03
[.080 in]
1/4-40 UNS - 2A
E-SWITCH LOGO ON
OPPOSITE SIDE
EPOXY SEAL
B
20041
DRAWING CLEAN-UP / UPDATE
6/30/11
BGL


Similar Part No. - ST711085

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST711080 E-SWITCH-ST711080 Datasheet
181Kb / 1P
RATING: 3A @ 120VAC or 28VDC; 1A @250VAC.
ST711082 E-SWITCH-ST711082 Datasheet
171Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST711083 E-SWITCH-ST711083 Datasheet
133Kb / 1P
RATING: 1A @250VAC, 3A @120 VAC OR 28 VDC
More results

Similar Description - ST711085

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com