Electronic Components Datasheet Search
  English  ▼

X  

AP830 Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # AP830
Description  Single screw mounting to heat sink
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

AP830 Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  AP830 Datasheet HTML 1Page - Ohmite Mfg. Co. AP830 Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
2/13.27
AP830 30 Watts TO-220 High
Power Resistors
A high power TO-220 style resistor package designed for high frequency
emitter circuits in switching power supplies. Also used in voltage
regulation and low energy pulse loading.
• 30 Watts at 25˚C case temperature on heat sink
• Single screw mounting to heat sink
• Moulded case for protection and easy to mount
• Non-inductive design
• Electrically isolated case
• RoHS Compliant
Electrical Specifications
Resistance
Value Range
Available Tolerance & Pref.
Value Ranges
Available TCR
R05 - 1R
J (±5%) K (±10%)
Not specified
1R02 - 3R
F (±1%) , J (±5%) , K
(±10%)
±300ppm/˚C
3R01 - 10R
±100ppm/˚C
±200ppm/˚C
10R2 - 10K
D (±0.5%) F (±1%) J
(±5%) K (±10%)
±50ppm/˚C
±100ppm/˚C
±200ppm/˚C
Preferred value ranges:
F (±1%) - E96 , J (±5%) - E24, K (±10%) - E12
Characteristics
Power rating:
Operating voltage:
Dielectric strength:
Insulation resistance:
Working temperature range:
Temperature coefficient:
Short time overload:
Load life:
Damp heat with load:
Solderability:
Thermal shock:
Terminal strength:
Vibration and high frequency:
2.25 Watts in free air
350V max
1800Vac
10GΩ min
-65˚C to +150˚C
As specified, referenced to 25˚C, ∆R taken at +105˚C
∆R ±0.3%, 2 times rated power with applied voltage not to exceed 1.5 times maximum continuous
operating voltage for 5 seconds
∆R ±1.0%, 2000 hours at rated power
∆R ±0.5%, 40ºC, 90 - 95% R.H max working voltage for 1000 hours with 1.5 hours “ON” and 0.5
hours “OFF”
90% min coverage, 245 ±5˚C for 3 seconds
∆R ±0.3%, -65˚C - 150˚C, 100 cycles
∆R ±0.2%, 2.4 N
∆R ±0.2%, 20g peak
Derating Curve
100
80
60
40
20
0
0
25
50
75
100
125
150
175
Case Temperature (°C)
www.arcolresistors.com
For more information and ordering, please consult


Similar Part No. - AP830

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP836 ETC2-AP836 Datasheet
205Kb / 2P
35 Watts TO-220 High Power Resistors
logo
Ohmite Mfg. Co.
AP836 OHMITE-AP836 Datasheet
798Kb / 2P
35 Watts TO-220 High Power Resistors
AP836100RJ OHMITE-AP836100RJ Datasheet
798Kb / 2P
35 Watts TO-220 High Power Resistors
AP83610KJ OHMITE-AP83610KJ Datasheet
798Kb / 2P
35 Watts TO-220 High Power Resistors
AP83610RJ OHMITE-AP83610RJ Datasheet
798Kb / 2P
35 Watts TO-220 High Power Resistors
More results

Similar Description - AP830

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SK-015A ETC2-SK-015A Datasheet
652Kb / 2P
SCREW MOUNTING
logo
Ohmite Mfg. Co.
AP851 OHMITE-AP851 Datasheet
430Kb / 2P
Single screw mounting to heat sink
ACL-AP830 OHMITE-ACL-AP830 Datasheet
347Kb / 2P
Single screw mounting to heat sink
logo
Delta Electronics, Inc.
10C2 DELTA-10C2 Datasheet
102Kb / 2P
SCREW MOUNTING
10C3 DELTA-10C3 Datasheet
102Kb / 2P
SCREW MOUNTING
SK-015A DELTA-SK-015A Datasheet
652Kb / 2P
SCREW MOUNTING
logo
FIBOX Enclosing innovat...
4712049 FIBOX-4712049 Datasheet
36Kb / 1P
Mounting screw
26.07.2023
3570678 FIBOX-3570678 Datasheet
36Kb / 1P
Mounting screw
31.07.2023
5514042 FIBOX-5514042 Datasheet
38Kb / 1P
Mounting screw
11.08.2023
7028036 FIBOX-7028036 Datasheet
45Kb / 1P
Mounting screw
11.08.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com