Electronic Components Datasheet Search
  English  ▼

X  

ARC3 Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # ARC3
Description  Non Inductive, Thick Film
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

ARC3 Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  ARC3 Datasheet HTML 1Page - Ohmite Mfg. Co. ARC3 Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
F +44 (0) 1872 222002
E sales@arcolresistors.com
ARC3 High Voltage Precision Resistors
www.arcolresistors.com
Designed for applications such as voltage dividers,
medical and measuring equipment, electrostatic and
current limiting devices where high stability, low TCR
and high ohmic values are required.
• Non Inductive, Thick Film
• High Voltage to 96 kVdc
• Low TCR
• Tolerance as low as ± 0.1%
• RoHS Compliant
5/11-39
Characteristics
Operating temperature:
Tolerance (Code):
Temperature Coefficient (Code):
Insulation resistance:
Dielectric strength:
Thermal shock:
Overload:
Moisture resistance:
Load life:
-55°C to +225°C
± 0.1% (B), ± 0.25% (C), ± 0.5% (D), ± 1% (F), ± 2% (G), ± 5% (J), ± 10% (K)
± 15ppm/°C (A), ± 25ppm/°C (E), ± 50ppm/°C (F), ± 100ppm/°C (S), ± 200ppm/°C (L)
TCR stated is measure at +25˚C and +85˚C. For TCR outside this range, please contact ARCOL
> 10,000Mohm
500 Volts @ 25°C, 75% relative humidity
> 1000 Volt
25°C, 75% relative humidity
R/R 0.25% max
R/R 0.25% max 1.5 x Pnom, 5 sec (do not exceed 1.5 x V max)
R/R 0.25% max
R/R 0.5% max
1000 hours at rated load
These resistors are tailored for operation in air and not aggresive atmospheres. For special applications (i.e. oil, casting, moulding, etc)
please contact ARCOL.
Electrical Specifications
Electrical data
Resistance range available at Tolerance / TCR
Type
P
Watt
40°C
U
kV dc
± 0.1-10%
15 ppm/°C
± 0.1-10%
25 ppm/°C
± 0.5 - 10%
50 ppm/°C
± 0.5 - 10%
100 ppm/°C
± 2 - 10%
150 ppm/°C
± 2 - 10%
200 ppm/°C
ARC3-11
11
24
50K-500M
50K-500M
500R-1G
500R-1G
500R-5G
500R-5G
ARC3-23
23
48
100K-1G
100K-1G
700R-1G
700R-1G
700R-10G
700R-10G
ARC3-54
54
48
100K-1G
100K-1G
2R-1G
2R-1G
2R-10G
2R-10G
ARC3-71
71
64
100K-1G5
100K-1G5
20R-1G5
20R-1G5
20R-15G
20R-15G
ARC3-105
105
96
150K-2G
150K-2G
80R-2G
80R-2G
80R-25G
80R-25G
www.arcolresistors.com
For more information and ordering, please consult


Similar Part No. - ARC3

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
ARC3-105 OHMITE-ARC3-105 Datasheet
165Kb / 2P
Non Inductive, Thick Film
ARC3-11 OHMITE-ARC3-11 Datasheet
165Kb / 2P
Non Inductive, Thick Film
ARC3-23 OHMITE-ARC3-23 Datasheet
165Kb / 2P
Non Inductive, Thick Film
ARC3-54 OHMITE-ARC3-54 Datasheet
165Kb / 2P
Non Inductive, Thick Film
ARC3-71 OHMITE-ARC3-71 Datasheet
165Kb / 2P
Non Inductive, Thick Film
More results

Similar Description - ARC3

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
HD10 WILLOW-HD10 Datasheet
882Kb / 2P
High Voltage Divider Set, Thick film,Non-Inductive R1 & R2
RF07 WILLOW-RF07 Datasheet
868Kb / 2P
Series, High Frequency Power Resistors Thick film,Non-Inductive
UR1.7 WILLOW-UR1.7 Datasheet
2Mb / 2P
Cylindrical Ultra High Ohmic Resistors,Thick film,Non-Inductive
logo
Ohmite Mfg. Co.
TFSA100RFE OHMITE-TFSA100RFE Datasheet
106Kb / 1P
Surge Capable Thick Film Non Inductive
logo
RFE international
N103K1H RFE-N103K1H Datasheet
73Kb / 1P
POLYESTER FILM CAPACITORS N Series: Non-Inductive, Film Foil
PND103K2E RFE-PND103K2E Datasheet
84Kb / 1P
POLYPROPYLENE FILM CAPACITORS PND Series: Non-Inductive, Film Foil
logo
List of Unclassifed Man...
HPF250 ETC2-HPF250 Datasheet
715Kb / 1P
Non-inducrive High power thick film resistors
logo
Surge Components
SAM SURGE-SAM Datasheet
134Kb / 1P
WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM
logo
Vishay Siliconix
RCWPNM VISHAY-RCWPNM Datasheet
102Kb / 4P
Thick Film Chip Resistors, Non-Magnetic, Industrial
23-Feb-15
logo
Ohmite Mfg. Co.
ACL-ARC3 OHMITE-ACL-ARC3 Datasheet
165Kb / 2P
Non Inductive, Thick Film
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com