Electronic Components Datasheet Search
  English  ▼

X  

HPW Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # HPW
Description  High Precision Welded Axial and Radial
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

HPW Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  HPW Datasheet HTML 1Page - Ohmite Mfg. Co. HPW Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
127
Type
Power Rating
A
B
AWG
Lead Diam.
118A
0.05
0.130 / 3.30
0.180 / 4.57
26
0.016 / 0.406
102A
0.10
0.110 / 2.79
0.250 / 6.35
24
0.020 / 0.508
101A
0.10
0.130 / 3.30
0.375 / 9.53
22
0.026 / 0.660
153A
0.10
0.150 / 3.81
0.245 / 6.22
22
0.026 / 0.660
103A
0.10
0.150 / 3.81
0.300 / 7.62
22
0.026 / 0.660
105A
0.125
0.160 / 4.06
0.500 / 12.70
22
0.026 / 0.660
184A
0.125
0.187 / 4.75
0.375 / 9.53
22
0.026 / 0.660
185A*
0.125
0.187 / 4.75
0.500 / 12.70
22
0.026 / 0.660
202A
0.25
0.250 / 6.35
0.310 / 7.87
22
0.026 / 0.660
203A
0.25
0.250 / 6.35
0.343 / 8.71
20
0.032 / 0.813
205A*
0.33
0.250 / 6.35
0.500 / 12.70
20
0.032 / 0.813
207A*
0.50
0.250 / 6.35
0.750 / 19.05
20
0.032 / 0.813
308A
0.60
0.312 / 7.93
0.810 / 20.57
20
0.032 / 0.813
210A*
0.50
0.250 / 6.35
1.00 / 25.40
20
0.032 / 0.813
307A
0.60
0.375 / 9.53
0.750 / 19.05
20
0.032 / 0.813
310A
1.00
0.375 / 9.53
1.00 / 25.40
20
0.032 / 0.813
505A
1.00
0.500 / 12.70
0.500 / 12.70
20
0.032 / 0.813
510A*
1.25
0.500 / 12.70
1.00 / 25.40
20
0.032 / 0.813
515A*
1.50
0.500 / 12.70
1.50 / 38.10
20
0.032 / 0.813
517A
1.75
0.500 / 12.70
1.75 / 44.45
20
0.032 / 0.813
520A*
2.00
0.500 / 12.70
2.00 / 50.8
20
0.032 / 0.813
203PA
0.25
0.270 / 6.86
0.320 / 8.13
22
0.026 / 0.660
305PA
0.50
0.375 / 9.53
0.500 / 12.70
20
0.032 / 0.813
*Available in hermetically sealed
BA
1.25" / 31.75mm
min.
AB
C
Round Radial
Axial
Model
Dim. C
203PA 0.200 / 5.08
305PA 0.200 / 5.08
505PA 0.300 / 7.62
203 M A1M700T
Type
Tolerance*
V= 0.005%
T= 0.01%
Q= 0.02%
A= 0.05%
B= 0.1%
C = 0.25%
D = 0.5%
F= 1.0%
Military
Group A
“M” characteristic does
not indicate product is
QPL to Mil-PRF-39005
Resistance
1R000 =
1 Ω
10R00 = 10 Ω
100R0 = 100 Ω
1K000 = 1000 Ω
10K00 = 10 KΩ
100K0 = 100 KΩ
1M700 = 1.7 MΩ
Format*
A = axial
PA = round radial
*All formats and
tolerances not
available in all
values
HPW Series
High Precision Welded Axial and Radial
Commercial Resistors Tested to Mil-PRF-39005
dimen S ion S
(±.020 in./ ±.508 mm)
H o W to order
Conversion of RBR to
Commercially-tested Product
RBR52
310MAxxxxxx
RBR53
307MAxxxxxx
RBR54
207MAxxxxxx
RBR55
205MAxxxxxx
RBR56
203MAxxxxxx
RBR71
203MPAxxxxxx



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com