Electronic Components Datasheet Search
  English  ▼

X  

HSP Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # HSP
Description  Hermetically Sealed, Precision
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

HSP Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  HSP Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
124
HSP Series
Hermetically Sealed, Precision,
Ultra-High Stability, Axial Terminals
Max. Resistance*
Power Rating
Max. Voltage
Model
(ohms)
@ 25°C (watts)
(volts)
HS185A
1.0M
0.125
300
HS205A
1.4M
0.25
300
HS207A
2.8M
0.40
600
HS210A
3.0M
0.50
600
HS308A
5.6M
0.60
600
HS310A
7.6M
0.80
600
HS510A
24M
1.00
600
HS515A
35M
1.25
600
HS520A
43M
1.50
900
*Minimum Value = 10Ω
Power
D
B
C
Model
Rating
±0.010/0.254*
±0.020/0.508
±0.030/0.762
HS185A
0.125
0.187 / 4.75 0.500 / 12.70 0.625 / 15.88
HS205A
0.25
0.250 / 6.35 0.500 / 12.70 0.562 / 14.27
HS207A
0.40
0.250 / 6.35 0.750 / 19.05 0.812 / 20.62
HS210A
0.50
0.250 / 6.35
1.00 / 25.40 1.063 / 27.00
HS308A
0.60
0.375 / 9.52 0.820 / 20.80 0.920 / 23.35
HS310A
0.80
0.375 / 9.52
1.00 / 25.40 1.050 / 26.67
HS510A
1.00
0.500 / 12.70 1.05 / 25.40 1.220 / 30.99
HS515A
1.25
0.500 / 12.70 1.50 / 38.10 1.605 / 40.77
HS520A
1.50
0.500 / 12.70 2.00 / 50.80 2.160 / 54.86
*Clear sleeving available, add 0.040"/ 1.016mm to body diam.
F e a t u r e S
• Accuracy to ±0.001% absolute
• Shelf life to 10 ppm/year
• Temperature coefficient to ±3 ppm/°C, -10°C to
+80°C
• Low voltage coefficient
• Low noise
• Extremely low thermal EMF
• Available in 4-terminal on HS500 series
• Oil-filled version available
B
C
D
1.50 / 38.10
min.
20 AWG
(0.032 / 0.813)
ex. HS185A:
22 AWG
(0.026 / 0.660)
H S 1 8 5 A S L 1 M 0 0 0 T
Type
Tolerance
T = 0.01%
Q = 0.02%
A = 0.05%
B = 0.1%
C = 0.25%
D = 0.5%
F = 1.0%
Resistance
1R000 =
1
Ω
10R00 =
10
Ω
100R0 = 100
Ω
1K000 = 1000
Ω
10K00 = 10 K
Ω
100K0 = 100 K
Ω
1M000 =
1 M
Ω
Oil-Filled
A = Non oil-filled
F = Oil-filled
Wattage
185 = 0.125W
205 = 0.25
207 = 0.40
210 = 0.50
308 = 0.60
310 = 0.80
510 = 1.00
515 = 1.25
520 = 1.50
Sleeving
SL = with sleeving
blank = without
Part Marking
• Ohmite
• Model
• Resistance value
• Resistance tolerance
• Date code
Serie S S P eci F ication S
ordering in F ormation
dimen S ion S
(in./mm)


Similar Part No. - HSP

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
HSP CRYDOM-HSP Datasheet
421Kb / 3P
Panel Mount
HSP CRYDOM-HSP Datasheet
291Kb / 2P
Panel Mount
logo
M-System Co.,Ltd.
HSP MSYSTEM-HSP Datasheet
108Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
logo
Sensata Technologies, I...
HSP SENSATA-HSP Datasheet
288Kb / 2P
ACCESSORIES
logo
Phoenix Mecano S.E. Asi...
HSP 1-1000 BOPLA-HSP 1-1000 Datasheet
2Mb / 22P
Cable glands / General Accessories
More results

Similar Description - HSP

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
HS185ASL1M000T OHMITE-HS185ASL1M000T Datasheet
97Kb / 1P
Hermetically Sealed Precision Ultra-High Stability Axial Terminals
logo
Micropac Industries
62111 MICROPAC-62111 Datasheet
87Kb / 2P
Hermetically sealed
62121 MICROPAC-62121 Datasheet
65Kb / 2P
Hermetically sealed
logo
Vishay Siliconix
GSR VISHAY-GSR Datasheet
77Kb / 3P
Metal Film Resistors, Hermetically-Sealed, Precision, Industrial
19-Nov-12
HMS VISHAY-HMS Datasheet
103Kb / 2P
Metal Film Resistors, Hermetically-Sealed, Precision, Matched Sets
22-Feb-10
logo
MMD Components
MVSC1 MMD-MVSC1 Datasheet
129Kb / 2P
Hermetically Sealed
logo
TE Connectivity Ltd
FCA-410 TEC-FCA-410 Datasheet
749Kb / 3P
Hermetically Sealed
logo
M/A-COM Technology Solu...
1N914UR MA-COM-1N914UR Datasheet
601Kb / 3P
Hermetically Sealed
1N3600 MA-COM-1N3600 Datasheet
613Kb / 3P
Hermetically Sealed
1N4531 MA-COM-1N4531 Datasheet
456Kb / 3P
Hermetically Sealed
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com