Electronic Components Datasheet Search
  English  ▼

X  

TWM3 Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # TWM3
Description  Ceramic Housed Radial Terminal Power
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TWM3 Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  TWM3 Datasheet HTML 1Page - Ohmite Mfg. Co. TWM3 Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
99
Standard part numbers for TWM series
Standard part numbers for TWW series
Wattage
Part No.
Prefix 
Suffix
43 –––43RE 
47 –––47RE 
56 –––56RE  
68 –––68RE  
75 –––75RE  
82 –––82RE  
100 –––100E
150 –––150E
200 –––200E
270 –––270E
300 –––300E
330 –––330E
390 –––390E
430 –––430E
470 –––470E
560 –––560E
680 –––680E
0.01 –––R01E  
0.02 –––R02E  
0.03 –––R03E  
0.04 –––R04E   
0.05 –––R05E   
0.10 –––R10E   
0.15 –––R15E   
0.20 –––R20E   
0.27 –––R27E   
0.30 –––R30E   
0.33 –––R33E   
0.39 –––R39E   
0.43 –––R43E   
0.47 –––R47E   
0.56 –––R56E   
0.68 –––R68E   
0.75 –––R75E   
0.82 –––R82E   
1.0 –––1R0E   
1.5 –––1R5E   
2.0 –––2R0E   
2.7 –––2R7E   
3.0 –––3R0E   
3.3 –––3R3E   
3.9 –––3R9E   
4.3 –––4R3E   
4.7 –––4R7E   
5.6 –––5R6E   
6.8 –––6R8E   
7.5 –––7R5E   
8.2 –––8R2E   
10
–––10RE   
15
–––15RE   
20
–––20RE   
22
–––22RE
27
–––27RE   
30
–––30RE   
33
–––33RE   
39
–––39RE   
43
–––43RE 
47
–––47RE 
56
–––56RE
68
–––68RE
75
–––75RE
82
–––82RE
100
–––100E
150
–––150E
200
–––200E
270
–––270E
300
–––300E
330
–––330E
390
–––390E
430
–––430E
470
–––470E
560
–––560E
680
–––680E
750
–––750E
820
–––820E
750 –––750E
820 –––820E
1000 ––– 1K0
1500 ––– 1K5
2000 ––– 2K0
2700 ––– 2K7
3000 ––– 3K0
3300 ––– 3K3
3900 ––– 3K9
4300 ––– 4K3
4700 ––– 4K7
5600 ––– 5K6
6800 ––– 6K8
7500 ––– 7K5
8200 ––– 8K2
10000 ––– 10K
Wattage
Part No.
Prefix 
Suffix
Wattage
Part No.
Prefix 
Suffix
Wattage
Part No.
Prefix 
Suffix
Wattage
Part No.
Prefix 
Suffix
Series
TWM= Ceramic housed
metal oxide radial
TWW= Ceramic housed
wirewound radial
Tolerance
J = 5%
Resistance Value
Example:
R05= 0.05
Ω
R56= 0.56
Ω
1R0= 1
Ω
8R2= 8.2
Ω
270 =
270
Ω
1K0= 1,000
Ω
8K2= 8,200
Ω
10K =10,000
Ω
TWW3JR05E
Wattage
3
5
10
E = RoHS compliant
0.20"±.08
5mm ±2
H
W
0.20" ±.04
5mm ±1
20
gauge
0.49" ±.04
12.5mm ±1
(marked
surface)
Height
Width
Series
(in./mm) ±1mm
TWW3
0.98 / 25 0.33 / 8.5
TWW5
0.98 / 25
0.35 / 9
TWW10
1.97 / 50
0.35 / 9
TWM3
0.98 / 25 0.33 / 8.5
TWM5
0.98 / 25
0.35 / 9
TWM10
1.97 / 50
0.35 / 9
d IM e NSIONS
h OW TO O rder
TWM/TWW Series
Ceramic Housed Radial Terminal Power



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com