Electronic Components Datasheet Search
  English  ▼

X  

TWM10 Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # TWM10
Description  Ceramic Housed Radial Terminal Power
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TWM10 Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  TWM10 Datasheet HTML 1Page - Ohmite Mfg. Co. TWM10 Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
98
TWM/TWW Series
Ceramic Housed Radial Terminal Power
Series
Wattage
Resistance
Voltage
Element
TWW3
3
0.01-39
Ω
250
Wire
TWW5
5
0.01-47
Ω
350
Wire
TWW10
10
0.04-990
Ω
750
Wire
TWM3
3
43-50K
Ω
250
Metal oxide
TWM5
5
51-50K
Ω
350
Metal oxide
TWM10
10
1000-50K
Ω
750
Metal oxide
Derating
100
Ambient Temperature, C
60
20
0
275
80
40
100
200
250
70
150
Housing Ceramic
Core Fiberglass
Filling Cement based
Tolerance 5% standard
Temperature coefficient 0.01-20Ω ±400ppm/°C;
>20-10Ω ±350ppm/°C
Dielectric withstanding voltage 1,000VAC
Short time overload TWW: 10x rated power for 5 sec.;
TWM: 5x rated power for 5 sec.
Operating Temperature -55°C to 275°C
Storage Temperature 15℃-35℃, humidity: 25%-75%
The TWM/TWW series radial terminal power resis-
tors offer significant board space savings over axial
terminal products. Generated heat is also kept away
from the circuit board.
They are recommended for commercial applica-
tions requiring low cost.
Fea T ure S
•EconomicalCommercialGradeforgeneralpurpose
use
•WirewoundandMetalOxideconstruction
•Wideresistancerange
•Flameproofinorganicconstruction
S er I e S SP e CIFIC aTIONS
C hara CT er ISTICS
(continued)


Similar Part No. - TWM10

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TWM10 OHMITE-TWM10 Datasheet
461Kb / 2P
Wide resistance range
TWM10JR05E OHMITE-TWM10JR05E Datasheet
111Kb / 1P
Ceramic Housed Radial Terminal Power
More results

Similar Description - TWM10

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TUM3J8R2E OHMITE-TUM3J8R2E Datasheet
119Kb / 1P
Ceramic Housed Axial Terminal Power
TVW5JR10 OHMITE-TVW5JR10 Datasheet
98Kb / 1P
Ceramic Housed Power Resistors with Standoffs RoHS Compliant
TWM3JR05E OHMITE-TWM3JR05E Datasheet
111Kb / 1P
Ceramic Housed Radial Terminal Power
logo
Token Electronics Indus...
SQP5W100RJ TOKEN-SQP5W100RJ Datasheet
361Kb / 5P
SQ Ceramic Housed Cement Resistors
TA4C TOKEN-TA4C Datasheet
394Kb / 5P
Ceramic Housed Crystal Resonators
logo
Tyco Electronics
THS5047RJ MACOM-THS5047RJ Datasheet
120Kb / 3P
Aluminium Housed Power Resistors
logo
Ohmite Mfg. Co.
TUM OHMITE-TUM Datasheet
382Kb / 2P
Ceramic Housed Axial Terminal Power
logo
Stackpole Electronics, ...
LVM SEI-LVM Datasheet
250Kb / 4P
Ceramic Housed Vertical Mount Resistor
11/30/2020
MCB SEI-MCB Datasheet
329Kb / 4P
Ceramic Housed with Axial Leads Power Resistor
4/13/2021
MVM SEI-MVM Datasheet
255Kb / 4P
Ceramic Housed Vertical Mount Resistor
3/16/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com