Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 14 Page - Texas Instruments

Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM385 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DM385_15 Datasheet HTML 10Page - Texas Instruments DM385_15 Datasheet HTML 11Page - Texas Instruments DM385_15 Datasheet HTML 12Page - Texas Instruments DM385_15 Datasheet HTML 13Page - Texas Instruments DM385_15 Datasheet HTML 14Page - Texas Instruments DM385_15 Datasheet HTML 15Page - Texas Instruments DM385_15 Datasheet HTML 16Page - Texas Instruments DM385_15 Datasheet HTML 17Page - Texas Instruments DM385_15 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 281 page
background image
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
L4
Interconnect
Interrupt
Interrupt
Interrupt
Mailbox Module
ARM Cortex-A8
Media Controller
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
2.9
Mailbox Module Overview
The device Mailbox module facilitates communication between the ARM Cortex-A8 and the Media
Controller. It consists of twelve mailboxes, each supporting a 1-way communication between two of the
above processors. The sender sends information to the receiver by writing a message to the mailbox
registers. Interrupt signaling is used to notify the receiver that a message has been queued or to notify the
sender about an overflow situation.
The Mailbox module supports the following features (see Figure 2-2):
•
12 mailboxes
•
Flexible mailbox-to-processor assignment scheme
•
Four-message FIFO depth for each message queue
•
32-bit message width
•
Message reception and queue-not-full notification using interrupts
•
Three interrupts (one to ARM Cortex-A8 and two to Media Controller)
Figure 2-2. Mailbox Module Block Diagram
14
Device Overview
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com