Electronic Components Datasheet Search
  English  ▼

X  

M35060 Datasheet(PDF) 30 Page - Mitsubishi Electric Semiconductor

Part # M35060
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35060 Datasheet(HTML) 30 Page - Mitsubishi Electric Semiconductor

Back Button M35060 Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M35060 Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M35060 Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M35060 Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M35060 Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M35060 Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M35060 Datasheet HTML 32Page - Mitsubishi Electric Semiconductor M35060 Datasheet HTML 33Page - Mitsubishi Electric Semiconductor M35060 Datasheet HTML 34Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
30
MITSUBISHI MICROCOMPUTERS
M35060-XXXSP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
NOTE FOR SUPPLYING POWER
(1) Timing of power supplying to AC pin
The internal circuit of M35060-XXXSP is reset when the level of
the auto clear input pin AC is “L”.
This pin is hysteresis input with the pull-up resistor. The timing
about power supplying of AC pin is shown in Figure 15.
tW is the interval after the supply voltage becomes 0.8 ! VDD or
more and before the supply voltage to the AC pin (VAC) becomes
0.2 ! VDD or more.
After supplying the power (VDD and VSS) to M35060-XXXSP, the
tW time must be reserved for 1 ms or more.
Before starting input from the microcomputer, the waiting time (tS)
must be reserved for 200 ms after the supply voltage to the AC
pin becomes 0.8 ¥ VDD or more.
(2) Timing of power supplying to VDD1 pin and VDD2 pin
The power need to supply to VDD1 and VDD2 at a time, though it
is separated perfectly between the VDD1 as the digital line and
the VDD2 as the analog line.
Fig. 15 Timing of power supplying to AC pin
PRECAUTIN FOR USE
Notes on noise and latch-up
Connect a capacitor (approx. 0.1µF) between pins VDD and VSS at
the shortest distance using relatively thick wire to prevent noise and
latch up.
ROM ORDERING METHOD
Please submit the information described below when ordering Mask
ROM.
(1) ROM Order Confirmation Form .............................................. 1
(2) Data to be written into mask ROM ............................... EPROM
(three sets containing the identical data)
(3) Mark Specification Form ......................................................... 1
(4) Program for character font generating + froppy disk in which
character data is input.
Supply voltage
VDD
0.8 ! VDD
0.2 ! VDD
tw
Voltage [V]
Time t [s]
VAC
(AC pin input voltage)
200ms
Data input is not available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com